Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4800IP Datasheet(PDF) 3 Page - ON Semiconductor

Part # ML4800IP
Description  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ML4800IP Datasheet(HTML) 3 Page - ON Semiconductor

  ML4800IP Datasheet HTML 1Page - ON Semiconductor ML4800IP Datasheet HTML 2Page - ON Semiconductor ML4800IP Datasheet HTML 3Page - ON Semiconductor ML4800IP Datasheet HTML 4Page - ON Semiconductor ML4800IP Datasheet HTML 5Page - ON Semiconductor ML4800IP Datasheet HTML 6Page - ON Semiconductor ML4800IP Datasheet HTML 7Page - ON Semiconductor ML4800IP Datasheet HTML 8Page - ON Semiconductor ML4800IP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ML4800
PRODUCT SPECIFICATION
2
REV. 1.0.5 9/25/01
Pin Configuration
Pin Description
Pin
Name
Function
1
IEAO
Slew rate enhanced PFC transconductance error amplifier output
2IAC
PFC AC line reference input to Gain Modulator
3ISENSE
Current sense input to the PFC Gain Modulator
4VRMS
PFC Gain Modulator RMS line voltage compensation input
5
SS
Connection point for the PWM soft start capacitor
6VDC
PWM voltage feedback input
7
RAMP 1
Oscillator timing node; timing set by RTCT
8
RAMP 2
When in current mode, this pin functions as the current sense input; when in voltage mode,
it is the PWM modulation ramp input.
9
DC ILIMIT
PWM cycle-by-cycle current limit comparator input
10
GND
Ground
11
PWM OUT
PWM driver output
12
PFC OUT
PFC driver output
13
VCC
Positive supply
14
VREF
Buffered output for the internal 7.5V reference
15
VFB
PFC transconductance voltage error amplifier input
16
VEAO
PFC transconductance voltage error amplifier output
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IEAO
IAC
ISENSE
VRMS
SS
VDC
RAMP 1
RAMP 2
VEAO
VFB
VREF
VCC
PFC OUT
PWM OUT
GND
DC ILIMIT
TOP VIEW
ML4800
16-Pin PDIP (P16)
16-Pin Narrow SOIC (S16N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com