Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4800IP Datasheet(PDF) 5 Page - ON Semiconductor

Part # ML4800IP
Description  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ML4800IP Datasheet(HTML) 5 Page - ON Semiconductor

  ML4800IP Datasheet HTML 1Page - ON Semiconductor ML4800IP Datasheet HTML 2Page - ON Semiconductor ML4800IP Datasheet HTML 3Page - ON Semiconductor ML4800IP Datasheet HTML 4Page - ON Semiconductor ML4800IP Datasheet HTML 5Page - ON Semiconductor ML4800IP Datasheet HTML 6Page - ON Semiconductor ML4800IP Datasheet HTML 7Page - ON Semiconductor ML4800IP Datasheet HTML 8Page - ON Semiconductor ML4800IP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ML4800
PRODUCT SPECIFICATION
4
REV. 1.0.5 9/25/01
Input Bias Current
-0.5
-1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.65
1.0
V
Source Current
VIN = ±0.5V, VOUT = 6V
-40
-104
µA
Sink Current
VIN = ±0.5V, VOUT = 1.5V
40
160
µA
Open Loop Gain
60
70
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
60
75
dB
OVP Comparator
Threshold Voltage
2.65
2.75
2.85
V
Hysteresis
175
250
325
mV
Tri-Fault Detect
Fault Detect HIGH
2.65
2.75
2.85
V
Time to Fault Detect HIGH
VFB = VFAULT DETECT LOW to
VFB = OPEN. 470pF from VFB to
GND
24
ms
Fault Detect LOW
0.4
0.5
0.6
V
PFC ILIMIT Comparator
Threshold Voltage
-0.9
-1.0
-1.1
V
(PFC ILIMIT VTH - Gain
Modulator Output)
120
220
mV
Delay to Output
150
300
ns
DC ILIMIT Comparator
Threshold Voltage
0.95
1.0
1.05
V
Input Bias Current
±0.3
±1
µA
Delay to Output
150
300
ns
VIN OK Comparator
Threshold Voltage
2.35
2.45
2.55
V
Hysteresis
0.8
1.0
1.2
V
GAIN Modulator
Gain (Note 3)
IAC = 100µA, VRMS = VFB = 0V
0.60
0.80
1.05
IAC = 50µA, VRMS = 1.2V, VFB = 0V
1.8
2.0
2.40
IAC = 50µA, VRMS = 1.8V, VFB = 0V
0.85
1.0
1.25
IAC = 100µA, VRMS = 3.3V, VFB = 0V
0.20
0.30
0.40
Bandwidth
IAC = 100µA
10
MHz
Output Voltage
IAC = 350µA, VRMS = 1V, VFB = 0V
0.60
0.75
0.9
V
Oscillator
Initial Accuracy
TA = 25°C
71
76
81
kHz
Voltage Stability
11V < VCC < 16.5V
1
%
Temperature Stability
2
%
Total Variation
Line, Temp
68
84
kHz
Ramp Valley to Peak Voltage
2.5
V
Electrical Characteristics (Continued)
Unless otherwise specified, VCC = 15V, RT = 52.3kΩ, CT = 470pF, TA = Operating Temperature Range (Note 1)
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com