Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0076 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0076
Description  Flame sensor SKU: DFR0076
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0076 Datasheet(HTML) 4 Page - DFROBOT

  DFR0076 Datasheet HTML 1Page - DFROBOT DFR0076 Datasheet HTML 2Page - DFROBOT DFR0076 Datasheet HTML 3Page - DFROBOT DFR0076 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Q3. My flame sensor detects a flame without a flame present. At my desk it was reading
values below 20, in my classroom students read value up to 800 without a flame present.
A. The range of Spectral Bandwidth of the sensor is: 760nm to 1100nm, so it would detect any 
light whose Spectral Bandwidth is within 760‐1100nm. After test, we found it can be effected 
not only by flame, but also by infrared radiation (Analog read: 900), neon lamps in classrooms 
(Thanks to Richard) and it can even be effected by phone's flash (Analog read: 50). Generally, in 
our office, it outputs 0V (analog read: around 10). This can be found in its datasheet. 
For any question/advice/cool idea to share, please visit DFRobot Forum.
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Powered By DFRobot © 2008-2017



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com