Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0076 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0076
Description  Flame sensor SKU: DFR0076
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0076 Datasheet(HTML) 1 Page - DFROBOT

  DFR0076 Datasheet HTML 1Page - DFROBOT DFR0076 Datasheet HTML 2Page - DFROBOT DFR0076 Datasheet HTML 3Page - DFROBOT DFR0076 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
Flame sensor SKU: DFR0076
From Robot Wiki 
 
Flame sensor V2 
 
Contents
1 Introduction 
2 Specification 
3 Application 
4 Tutorial  
o
4.1 Connection Diagram 
o
4.2 Sample Code 
o
4.3 Result 
5 FAQ 
Introduction
The flame sensor can be used to detect fire or other wavelength at 760 nm ~ 1100 nm light. In
the fire-fighting robot game, the flame plays an important role in the probe, which can be used as
the robot's eyes to find fire source or football. It can make use of fire-fighting robots, soccer
robots.


Similar Part No. - DFR0076

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0071 DFROBOT-DFR0071 Datasheet
283Kb / 6P
SD Module (SKU: DFR0071)
DFR0072 DFROBOT-DFR0072 Datasheet
176Kb / 3P
Shiftout Module (SKU:DFR0072)
DFR0075 DFROBOT-DFR0075 Datasheet
366Kb / 4P
ADKeyboard Module (SKU: DFR0075)
DFR0077 DFROBOT-DFR0077 Datasheet
514Kb / 3P
MAX202 RS232 to TTL Converter For Arduino
8-10-18
More results

Similar Description - DFR0076

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R2868 HAMAMATSU-R2868 Datasheet
143Kb / 2P
FLAME SENSOR UV TRON
logo
Gilway Technical Lamp
58595 GILWAY-58595 Datasheet
36Kb / 1P
50mr16bnfl25 12v 10/cs 1/sku
logo
Hamamatsu Corporation
R9454 HAMAMATSU-R9454 Datasheet
268Kb / 4P
FLAME SENSOR UV TRON
R244 HAMAMATSU-R244 Datasheet
471Kb / 4P
FLAME SENSOR
R9454 HAMAMATSU-R9454_15 Datasheet
293Kb / 4P
FLAME SENSOR UVTRON
R2868 HAMAMATSU-R2868_15 Datasheet
176Kb / 2P
FLAME SENSOR UVTRON
logo
Laird Tech Smart Techno...
CMS69273 LSTD-CMS69273 Datasheet
1Mb / 2P
Excellent flame rating
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
logo
Broadcom Corporation.
AFBR-S6PY3200 BOARDCOM-AFBR-S6PY3200 Datasheet
502Kb / 3P
Thin Film Pyroelectric Flame Sensor
logo
DFROBOT
SEN0204 DFROBOT-SEN0204 Datasheet
382Kb / 5P
Non‐contact Liquid Level Sensor XKC‐Y25‐T12V SKU: SEN0204
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com