Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0076 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0076
Description  Flame sensor SKU: DFR0076
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0076 Datasheet(HTML) 2 Page - DFROBOT

  DFR0076 Datasheet HTML 1Page - DFROBOT DFR0076 Datasheet HTML 2Page - DFROBOT DFR0076 Datasheet HTML 3Page - DFROBOT DFR0076 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Flame sensor probe angle of 60 degrees, the special sensitivity of the flame spectrum, two M3
mounting holes to stabilize the module will not spin.
The flame sensor's operating temperature is -25 degrees Celsius to 85 degrees Celsius, in the
course of the flame it should be noted that the probe distance from the flame should not be too
close inorder to avoid damage.
The new version of analog sensor port pin mapping has been changed as the following two
features.Please check the tips for changing sensor cable pin mapping while using the I/O
Expansion shield. We will continue to update. For the inconvenience caused, please understand.
Specification
Supply Voltage: 3.3V to 5V 
Detection range: 20cm (4.8V) ~ 100cm (1V) 
Rang of Spectral Bandwidth : 760nm to 1100nm 
Responsive time : 15us 
Interface: Analog 
Size:22x30mm 
Application
Fire alarm 
Fire‐fighting robot 
Tutorial
Connection Diagram
 
connection diagram 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com