Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330021 Datasheet(PDF) 4 Page - Microchip Technology

Part # DM330021
Description  dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330021 Datasheet(HTML) 4 Page - Microchip Technology

  DM330021 Datasheet HTML 1Page - Microchip Technology DM330021 Datasheet HTML 2Page - Microchip Technology DM330021 Datasheet HTML 3Page - Microchip Technology DM330021 Datasheet HTML 4Page - Microchip Technology DM330021 Datasheet HTML 5Page - Microchip Technology DM330021 Datasheet HTML 6Page - Microchip Technology DM330021 Datasheet HTML 7Page - Microchip Technology DM330021 Datasheet HTML 8Page - Microchip Technology DM330021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
dsPIC33CK256MP508
DS50002756A-page 4
 2018 Microchip Technology Inc.
78
TDI/RP44/PWM2H/PMD3/RB12
PIM:99
Direct Connection
79
RE15
PIM:90
Direct Connection
80
RP45/PWM2L/PMD4/RB13
PIM:98
Direct Connection
TABLE 2:
DEVICE TO PIM MAPPING (SORTED BY DEVICE PIN NUMBER) (CONTINUED)
Device
Pin #
dsPIC33CK256MP508 Device
Functional Description
PIM Pin #
Remarks
Note 1: The PIM pin is directly connected to the device pin through a 0 Ohm resistor (default), which can be removed if desired.
2: The PIM pin can be connected to a device pin through a 0 Ohm resistor, if desired. For proper operation, ensure that other
0 Ohm resistors connecting to the same device pin are removed.
3: Digital Power (DVDD) pins are shorted together on the PIM.
4: Digital Ground (DGND) pins are shorted together on the PIM.
5: Analog Ground (AGND) connection via PIM:31 is shorted with Digital Ground (DGND) through 0 Ohm resistor, R27, on the PIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com