Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330021 Datasheet(PDF) 5 Page - Microchip Technology

Part # DM330021
Description  dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330021 Datasheet(HTML) 5 Page - Microchip Technology

  DM330021 Datasheet HTML 1Page - Microchip Technology DM330021 Datasheet HTML 2Page - Microchip Technology DM330021 Datasheet HTML 3Page - Microchip Technology DM330021 Datasheet HTML 4Page - Microchip Technology DM330021 Datasheet HTML 5Page - Microchip Technology DM330021 Datasheet HTML 6Page - Microchip Technology DM330021 Datasheet HTML 7Page - Microchip Technology DM330021 Datasheet HTML 8Page - Microchip Technology DM330021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 2018 Microchip Technology Inc.
DS50002756A-page 5
dsPIC33CK256MP508
Table 3 provides the mapping between the 80-pin device pinout and the 100-pin PIM.
TABLE 3:
DEVICE TO PIM MAPPING (SORTED BY PIM PIN NUMBER)
PIM
Pin #
Device Pin #
dsPIC33CK256MP508 Device
Functional Description
Remarks
PIM:01
44
RE9
Direct Connection
PIM:02(3)
12, 31, 51, 71
VDD
Digital Power (DVDD)
PIM:03
75
TMS/RP42/PWM3H/PMD1/RB10
Direct Connection
PIM:04
7
RP62/PWM6H/PMA4/RC14
Direct Connection
PIM:05
8
RP63/PWM6L/PMA3/RC15
Direct Connection
PIM:06
67
RP59/PWM7L/RC11
Direct Connection
PIM:07
66
RP58/PWM7H/PMRD/PMWR/PSRD/RC10
Direct Connection
PIM:08
6
RP61/PWM8L/PMA5/RC13
Direct Connection
PIM:09
5
RP60/PWM8H/PMD7/RC12
Direct Connection
PIM:10
48
RP73/PCI20/RD9
Direct Connection
PIM:11
37
RE6
Direct Connection
PIM:12
21
DACOUT1/AN3/CMP1C/RA3
Direct Connection
PIM:13
9
MCLR
MCLR
PIM:14
58
TDO/AN2/CMP3A/RP39/SDA3/RB7
Direct Connection
PIM:15(4)
11, 32, 50, 70
VSS
Digital Ground (DGND)
PIM:16(3)
12, 31, 51, 71
VDD
Digital Power (DVDD)
PIM:17
60
PGD1/AN10/RP40/SCL1/RB8
Direct Connection
PIM:18
49
RP72/SDO2/PCI19/RD8
Direct Connection
PIM:19
10
RP79/PCI22/PMA2/RD15
Direct Connection
PIM:20
17
AN22/RE2
Direct Connection
PIM:21
4
AN21/RE1
Direct Connection
PIM:21(2)
23
OA3OUT/AN4/CMP3B/IBIAS3/RA4
Can be Connected via 0 Ohm Resistor
PIM:22
2
AN20/RE0
Direct Connection
PIM:22(2)
41
OA2OUT/AN1/AN7/ANA0/CMP1D/CMP2D/CMP3D/
RP34/SCL3/INT0/RB2
Can be Connected via 0 Ohm Resistor
PIM:23
33
AN15/CMP2A/IBIAS2/RP51/PMD11/PMA11/RC3
Direct Connection
PIM:24(1)
18
OA1IN-/ANA1/RA1
Connected via 0 Ohm Resistor
PIM:25
61
PGC1/AN11/RP41/SDA1/RB9
Direct Connection
PIM:25(1)
16
OA1OUT/AN0/CMP1A/IBIAS0/RA0
Connected via 0 Ohm Resistor
PIM:26
56
PGC3/RP38/SCL2/RB6
Direct Connection
PIM:27
55
PGD3/RP37/SDA2/PMA14/PMCS1/PSCS/RB5
Direct Connection
PIM:28
Not Connected
PIM:29
Not Connected
PIM:30
25
AVDD
Analog Power (AVDD)
PIM:31(5)
26
AVSS
Analog Ground (AGND)
PIM:32
36
AN19/CMP2C/RP75/PMA0/PMALL/PSA0/RD11
Direct Connection
PIM:33
19
AN23/RE3
Direct Connection
PIM:34
64
RE13
Direct Connection
PIM:35
38
AN18/CMP3C/ISRC3/RP74/PMD9/PMA9/RD10
Direct Connection
Note 1: The PIM pin is directly connected to the device pin through a 0 Ohm resistor (default), which can be removed if desired.
2: The PIM pin can be connected to a device pin through a 0 Ohm resistor, if required. For proper operation, ensure that
other 0 Ohm resistors connecting to the same device pin are removed.
3: Digital Power (DVDD) pins are shorted together on the PIM.
4: Digital Ground (DGND) pins are shorted together on the PIM.
5: Analog Ground (AGND) connection via PIM:31 is shorted with Digital Ground (DGND) through 0 Ohm resistor, R27, on the PIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com