Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM330021 Datasheet(PDF) 6 Page - Microchip Technology

Part # DM330021
Description  dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330021 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DM330021 Datasheet HTML 2Page - Microchip Technology DM330021 Datasheet HTML 3Page - Microchip Technology DM330021 Datasheet HTML 4Page - Microchip Technology DM330021 Datasheet HTML 5Page - Microchip Technology DM330021 Datasheet HTML 6Page - Microchip Technology DM330021 Datasheet HTML 7Page - Microchip Technology DM330021 Datasheet HTML 8Page - Microchip Technology DM330021 Datasheet HTML 9Page - Microchip Technology DM330021 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
dsPIC33CK256MP508
DS50002756A-page 6
 2018 Microchip Technology Inc.
PIM:36(4)
11, 32, 50, 70
VSS
Digital Ground (DGND)
PIM:37(3)
12, 31, 51, 71
VDD
Digital Power (DVDD)
PIM:38
Not Connected
PIM:39
Not Connected
PIM:40
57
RE10
Direct Connection
PIM:41
59
RE11
Direct Connection
PIM:42
Not Connected
PIM:43
30
AN17/ANN1/IBIAS1/RP54/PMD12/PMA12/RC6
Direct Connection
PIM:44
Not Connected
PIM:45
Not Connected
PIM:46
Not Connected
PIM:47
72
RP66/RD2
Direct Connection
PIM:48
69
RP67/ASCL3/RD3
Direct Connection
PIM:49
52
RP71/PMD15/RD7
Direct Connection
PIM:50
53
RP70/PMD14/RD6
Direct Connection
PIM:51
Not Connected
PIM:52
Not Connected
PIM:53
Not Connected
PIM:54
65
RP53/PWM5L/ASCL2/PMWR/PMENB/PSWR/RC5
Direct Connection
PIM:55
15
AN12/ANN0/RP48/RC0
Direct Connection
PIM:56(2)
18
OA1IN-/ANA1/RA1
Can be Connected via 0 Ohm Resistor
PIM:57(2)
16
OA1OUT/AN0/CMP1A/IBIAS0/RA0
Can be Connected via 0 Ohm Resistor
PIM:58
Not Connected
PIM:59
62
RE12
Direct Connection
PIM:60
42
RE8
Direct Connection
PIM:61
68
RP68/ASDA3/RD4
Direct Connection
PIM:62(3)
12, 31, 51, 71
VDD
Digital Power (DVDD)
PIM:63
34
OSCI/CLKI/AN5/RP32/PMD10/PMA10/RB0
Direct Connection
PIM:64
35
OSCO/CLKO/AN6/RP33/PMA1/PMALH/PSA1/RB1
Direct Connection
PIM:65(4)
11, 32, 50, 70
VSS
Digital Ground (DGND)
PIM:66
20, 28, 43
Op Amp Inputs (refer to Figure 2)
Internal Op Amp Connection
PIM:67
18
Op Amp Input (refer to Figure 2)
Internal Op Amp Connection
PIM:68
24
RE5
Direct Connection
PIM:69
22
RE4
Direct Connection
PIM:70
Not Connected
PIM:71
Not Connected
PIM:72
Not Connected
PIM:73
29
Op Amp Input (refer to Figure 2)
Internal Op Amp Connection
PIM:74
45
Op Amp Input (refer to Figure 2)
Internal Op Amp Connection
PIM:75(4)
11, 32, 50, 70
VSS
Digital Ground (DGND)
PIM:76
63
RP52/PWM5H/ASDA2/RC4
Direct Connection
PIM:77
Not Connected
TABLE 3:
DEVICE TO PIM MAPPING (SORTED BY PIM PIN NUMBER) (CONTINUED)
PIM
Pin #
Device Pin #
dsPIC33CK256MP508 Device
Functional Description
Remarks
Note 1: The PIM pin is directly connected to the device pin through a 0 Ohm resistor (default), which can be removed if desired.
2: The PIM pin can be connected to a device pin through a 0 Ohm resistor, if required. For proper operation, ensure that
other 0 Ohm resistors connecting to the same device pin are removed.
3: Digital Power (DVDD) pins are shorted together on the PIM.
4: Digital Ground (DGND) pins are shorted together on the PIM.
5: Analog Ground (AGND) connection via PIM:31 is shorted with Digital Ground (DGND) through 0 Ohm resistor, R27, on the PIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com