Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2290YML Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2290YML
Description  2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2290YML Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2290YML Datasheet HTML 3Page - Microchip Technology MIC2290YML Datasheet HTML 4Page - Microchip Technology MIC2290YML Datasheet HTML 5Page - Microchip Technology MIC2290YML Datasheet HTML 6Page - Microchip Technology MIC2290YML Datasheet HTML 7Page - Microchip Technology MIC2290YML Datasheet HTML 8Page - Microchip Technology MIC2290YML Datasheet HTML 9Page - Microchip Technology MIC2290YML Datasheet HTML 10Page - Microchip Technology MIC2290YML Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MIC2290
October 2007
7
M9999-101907
Functional Diagram
GND
CA
VREF
PWM
Generator
Ramp
Generator
1.2MHz
Oscillator
SW
EN
FB
OUT
VIN
1.24V
gm
OVP
S
Figure 1. MIC2290 Block Diagram
Functional Description
The MIC2290 is a constant frequency, PWM current
mode boost regulator. The block diagram is shown in
Figure 1. The MIC2290 is composed of an oscillator,
slope compensation ramp generator, current amplifier,
gm error amplifier, PWM generator, and a 0.5A bipolar
output transistor. The oscillator generates a 1.2MHz
clock. The clock’s two functions are to trigger the PWM
generator that turns on the output transistor, and to reset
the slope compensation ramp generator. The current
amplifier is used to measure the switch current by
amplifying the voltage signal from the internal sense
resistor. The output of the current amplifier is summed
with the output of the slope compensation ramp
generator. This summed current-loop signal is fed to one
of the inputs of the PWM generator.
The gm error amplifier measures the feedback voltage
through the external feedback resistors and amplifies the
error between the detected signal and the 1.24V
reference voltage. The output of the gm error amplifier
provides the voltage-loop signal that is fed to the other
input of the PWM generator. When the current-loop
signal exceeds the voltage-loop signal, the PWM
generator turns off the bipolar output transistor. The next
clock
period
initiates
the
next
switching
cycle,
maintaining the constant frequency current-mode PWM
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com