Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2290YML Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC2290YML
Description  2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2290YML Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC2290YML Datasheet HTML 5Page - Microchip Technology MIC2290YML Datasheet HTML 6Page - Microchip Technology MIC2290YML Datasheet HTML 7Page - Microchip Technology MIC2290YML Datasheet HTML 8Page - Microchip Technology MIC2290YML Datasheet HTML 9Page - Microchip Technology MIC2290YML Datasheet HTML 10Page - Microchip Technology MIC2290YML Datasheet HTML 11Page - Microchip Technology MIC2290YML Datasheet HTML 12Page - Microchip Technology MIC2290YML Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel, Inc.
MIC2290
October 2007
9
M9999-101907
Input capacitor
A minimum 1µF ceramic capacitor is recommended for
designing
with
the
MIC2290.
Increasing
input
capacitance will improve performance and greater noise
immunity on the source. The input capacitor should be
as close as possible to the inductor and the MIC2290,
with short traces for good noise performance.
Feedback Resistors
The MIC2290 utilizes a feedback pin to compare the
output to an internal reference. The output voltage is
adjusted by selecting the appropriate feedback resistor
network values. The R2 resistor value must be less than
or equal to 5kΩ (R2 ≤ 5kΩ). The desired output voltage
can be calculated as follows:
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
1
R2
R1
V
V
REF
OUT
where VREF is equal to 1.24V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com