Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2290YML Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2290YML
Description  2mm × 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2290YML Datasheet(HTML) 1 Page - Microchip Technology

  MIC2290YML Datasheet HTML 1Page - Microchip Technology MIC2290YML Datasheet HTML 2Page - Microchip Technology MIC2290YML Datasheet HTML 3Page - Microchip Technology MIC2290YML Datasheet HTML 4Page - Microchip Technology MIC2290YML Datasheet HTML 5Page - Microchip Technology MIC2290YML Datasheet HTML 6Page - Microchip Technology MIC2290YML Datasheet HTML 7Page - Microchip Technology MIC2290YML Datasheet HTML 8Page - Microchip Technology MIC2290YML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC2290
2mm × 2mm PWM Boost Regulator
with Internal Schotty Diode
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2007
M9999-101907
General Description
The MIC2290 is a 1.2MHz, PWM, boost-switching
regulator housed in the small size 2mm × 2mm 8-pin MLF
®
package. The MIC2290 features an internal Schottky diode
that reduces circuit board area and total solution cost. High
power density is achieved with the MIC2290’s internal
34V/0.5A switch, allowing it to power large loads in a tiny
footprint.
The MIC2290 implements a constant frequency 1.2MHz
PWM control scheme. The high frequency operation saves
board space by reducing external component sizes. The
fixed frequency PWM topology also reduces switching
noise and ripple to the input power source.
The MIC2290’s wide 2.5V to 10V input voltage allows
direct operation from 3- to 4-cell NiCad/NiMH/Alkaline
batteries, 1-and 2-cell Li-Ion batteries, as well as fixed
3.3V and 5V systems.
The MIC2290 is available in a low-profile 2mm×2mm 8-pin
MLF
® leadless package and operates from a junction
temperature range of –40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Internal Schottky diode
• 2.5V to 10V input voltage
• Output voltage adjustable to 34V
• Over 500mA switch current
• 1.2MHz PWM operation
• Stable with ceramic capacitors
• <1% line and load regulation
• Low input and output ripple
• <1µA shutdown current
• UVLO
• Output overvoltage protection
• Over temperature protection
• 2mm × 2mm 8-pin MLF® package
• –40°C to +125°C junction temperature range
Applications
• Organic EL power supply
• TFT LCD bias supply
• 12V DSL power supply
• CCD bias supply
• SEPIC converters
___________________________________________________________________________________________________________
Typical Application
4, 8
L1
10µH
R2
R1
1
7
3
2
MIC2290
VIN
Li Ion
Battery
VOUT
12V
EN
SW
OUT
GND
VIN
C1
1µF
C2
10µF
FB
6
Simple 12V Boost Regulator
60
65
70
75
80
85
0
0.02 0.04 0.06 0.08
0.1
LOAD CURRENT (A)
12VOUT Efficiency
V
IN =4.2V
V
IN =3.2V
V
IN =3.6V


Similar Part No. - MIC2290YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2290YML MICREL-MIC2290YML Datasheet
98Kb / 12P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
MIC2290YML MICREL-MIC2290YML Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
More results

Similar Description - MIC2290YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2290 MICREL-MIC2290 Datasheet
98Kb / 12P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
3M Electronics
152210-0000GB 3M-152210-0000GB Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
logo
Micrel Semiconductor
MIC2290 MICREL-MIC2290_07 Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com