Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0231 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0231
Description  NFC Module for Arduino (SKU:DFR0231)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0231 Datasheet(HTML) 3 Page - DFROBOT

  DFR0231 Datasheet HTML 1Page - DFROBOT DFR0231 Datasheet HTML 2Page - DFROBOT DFR0231 Datasheet HTML 3Page - DFROBOT DFR0231 Datasheet HTML 4Page - DFROBOT DFR0231 Datasheet HTML 5Page - DFROBOT DFR0231 Datasheet HTML 6Page - DFROBOT DFR0231 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Sample Code
/*
# Editor : Adrian
# Date
: 2013.04.18
# Ver
: 0.1
# Product: NFC Module for Arduino
# SKU
: DFR0231
# Description:
# When the a card close to the device , the PC will receive the data
# Connect the NFC Card's TXD, RXD, GND, +3.3V to Nano's D0RX, D1TX, GND, +3.
3V
# Or connect the NFC Card's TXD, RXD, GND, +5V to Nano's D0RX, D1TX, GND, +5
V
PN532 reads the tag by Arduino mega/Leonardo
command list:
#wake up reader
send: 55 55 00 00 00 00 00 00 00 00 00 00 00 00 00 00 ff 03 fd d4 14 01 17 0
0
return: 00 00 FF 00 FF 00 00 00 FF 02 FE D5 15 16 00
#get firmware
send: 00 00 FF 02 FE D4 02 2A 00
return: 00 00 FF 00 FF 00 00 00 FF 06 FA D5 03 32 01 06 07 E8 00
#read the tag
send: 00 00 FF 04 FC D4 4A 01 00 E1 00
return: 00 00 FF 00 FF 00 00 00 FF 0C F4 D5 4B 01 01 00 04 08 04 XX XX XX XX
5A 00
XX is tag.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com