Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0231 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0231
Description  NFC Module for Arduino (SKU:DFR0231)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0231 Datasheet(HTML) 1 Page - DFROBOT

  DFR0231 Datasheet HTML 1Page - DFROBOT DFR0231 Datasheet HTML 2Page - DFROBOT DFR0231 Datasheet HTML 3Page - DFROBOT DFR0231 Datasheet HTML 4Page - DFROBOT DFR0231 Datasheet HTML 5Page - DFROBOT DFR0231 Datasheet HTML 6Page - DFROBOT DFR0231 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
NFC Module for Arduino (SKU:DFR0231)
 
 
NFC Module for Arduino
 
Introduction
Your credit cards: gone. Bus pass and train tickets: vanished.Welcome to Near Field
Communications (NFC), a contactless, Wi-Fi-lite style tech that could already be in your smartphone,
and could soon be a regular feature of your commute.
Near Field Communications(NFC) is a set of short-range wireless technologies, typically requiring a
distance of 10cm or less, for two devices such as smartphones or the similar things very close to
each other to establish communication. Communication is also possible between a NFC device and
unpowered NFC chips such as tags, stickers, key fobs and cards which do not require batteries.
The NFC Module for Arduino is designed to extend this powerful feature for your project or
application based on Arduino.It integrates a PN532 NFC controller from Philips.The driver interface
for this product is UART interface of the microcontroller. So it's possible for you to test it via a USB to
UART converter directly. On the other hand, for the applications with microcontroller, the module
provides an event for your processor when detects the NFC tags, stickers, key fobs, or cards via
high speed serial uart.


Similar Part No. - DFR0231

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0233 DFROBOT-DFR0233 Datasheet
324Kb / 13P
RS485 Sensor Node V1.0 (SKU:DFR0233)
DFR0236 DFROBOT-DFR0236 Datasheet
143Kb / 4P
CheapDuino (SKU:DFR0236)
More results

Similar Description - DFR0231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-AR ETC2-ULCD-28-PTU-AR Datasheet
377Kb / 6P
Arduino Display Module Pack
ULCD-32-PTU-AR ETC2-ULCD-32-PTU-AR Datasheet
375Kb / 6P
Arduino Display Module Pack
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
Arduino Display Module Pack Display Module
ULCD-35DT-AR ETC2-ULCD-35DT-AR Datasheet
325Kb / 7P
Arduino Display Module Pack
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
logo
List of Unclassifed Man...
ISMART ETC1-ISMART Datasheet
1Mb / 7P
Wi-Fi, BT/BLE & NFC IoT Arduino Shields
433MHZ ETC-433MHZ Datasheet
947Kb / 15P
Complete Guide for RF 433MHz Transmitter/Receiver Module With Arduino
logo
Infineon Technologies A...
CYBT-243053-EVAL INFINEON-CYBT-243053-EVAL Datasheet
1Mb / 3P
EZBTTM MODULE ARDUINO EVALUATION BOARD
logo
Sony Corporation
RC-S620 SONY-RC-S620 Datasheet
627Kb / 2P
Embedded NFC Reader Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com