Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0231 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0231
Description  NFC Module for Arduino (SKU:DFR0231)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0231 Datasheet(HTML) 2 Page - DFROBOT

  DFR0231 Datasheet HTML 1Page - DFROBOT DFR0231 Datasheet HTML 2Page - DFROBOT DFR0231 Datasheet HTML 3Page - DFROBOT DFR0231 Datasheet HTML 4Page - DFROBOT DFR0231 Datasheet HTML 5Page - DFROBOT DFR0231 Datasheet HTML 6Page - DFROBOT DFR0231 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Applications
Contactless payment systems
Bluetooth and Wi-Fi connections
Social networking situations, such as sharing contacts, photos, videos or files
Electronic identity documents and keycards
Smartphone automation and NFC tags
Specification
Working Voltage: 3.3v or 5v
Host interface: UART
Integrate PN532 NFC controller
Supports ISO 14443A/MIFARE
Supports ISO 14443B in reader/writer mode only
Typical max operating distance for detecting NFC tags from 20 to 50mm depending on the antenna
*size of the tag
Serve for contactless communication at 13.56MHz
Size: 11cm x 5cm
Connect Diagram
NFC Module connect diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com