Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0306 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0306
Description  Bluno Mega 1280 (SKU:DFR0306)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0306 Datasheet(HTML) 3 Page - DFROBOT

  DFR0306 Datasheet HTML 1Page - DFROBOT DFR0306 Datasheet HTML 2Page - DFROBOT DFR0306 Datasheet HTML 3Page - DFROBOT DFR0306 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The figure above shows Bluno Mega1280 controller with all the ports, which includes:
Power: USB power supply or external DC2.1 power supply; automatically disconnect USB power
supply when using an external power supply; external power supply transformed as stable 5V
through an on-board DC-DC power conversion; current output capacity up to 2A, and USB power
supply 5V when the maximum output current is 500mA.
DC2.1 power input interface, voltage range: 5-23V
USB interface, power supply and communication
2 I2Cs
4 UARTs (hardware serial ports)
54 digital input/output pins (of which 14 can be used as PWM outputs)
16 analog inputs
5V and 3.3V output
A reset button
A BLE chip firmware update button
Supported Android Devices
Android 4.3 and above systems equipped with Bluetooth 4.0:
Nexus 4+
MI 2s
Samsung Galaxy s4
Samsung Galaxy note 3
Recommanded Android version:
BLE Android 4.3 ROMs (Cyanogenmod Stable version)
Supported Apple Devices
iOS 7.0+ Devices:
iPhone 4S+
iPad 3+
iPad Mini
iPod 5th Gen
Special Driver
Bluno Mega1280 requires a special driver. Please download the Special Driver, and install it in the
Device Manager.
If you find it doesn't display Mega1280 in the Device manager, please uninstall the driver and
reinstall the correct one again.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com