Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0306 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0306
Description  Bluno Mega 1280 (SKU:DFR0306)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0306 Datasheet(HTML) 2 Page - DFROBOT

  DFR0306 Datasheet HTML 1Page - DFROBOT DFR0306 Datasheet HTML 2Page - DFROBOT DFR0306 Datasheet HTML 3Page - DFROBOT DFR0306 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Embedded bootloader enables the controller to download the program directly via USB without any
other external burning device.
Multiple ways of power supply can be free to choose, including the USB power supply and universal
power adapter and battery for external power supply.
Open-sourced software and hardware platform, large interacted community, easy development
environment and strong control ability, all together making the Arduino become the most popular
electronic product development tool currently.
Specification
Microcontroller:ATmega1280
Clock frequency: 16MHZ
Transmission distance: 70m in free space
Support bluetooth remote update the Arduino program
Support bluetooth HID
Support iBeacons
Support by the AT command to debug the BLE
Support transparent transmission serial port
Support the master-salve machine switch
Support usb update BLE chip program
Working voltage:+5V
External input voltage (recommended):7V~12V DC
External input voltage (range):6V~20V DC
Digital I/O outputs: 54 (14 PWM outputs)
Analog inputs: 16
I/O current: 40mA
Flash capacity: 128KB (4k for bootloader)
Static storage capacity of SRAM: 8KB
Memory capacity of EEPROM: 4KB
Size: 108mmx54mm
Pin Out
Fig1: Bluno Mega1280 Pin Out



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com