Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0306 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0306
Description  Bluno Mega 1280 (SKU:DFR0306)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0306 Datasheet(HTML) 1 Page - DFROBOT

  DFR0306 Datasheet HTML 1Page - DFROBOT DFR0306 Datasheet HTML 2Page - DFROBOT DFR0306 Datasheet HTML 3Page - DFROBOT DFR0306 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
Bluno Mega 1280 (SKU:DFR0306)
Contents
1 Introduction
2 Specification
3 Pin Out
4 Supported Android Devices
5 Supported Apple Devices
6 Special Driver
7 Tutorial
7.1 More advantages
7.2 The serial port using
7.3 Sample for Bluno Mega1280 connecting to smart phones
7.4 Wireless programming via BLE
7.5 BLE firmware update of Bluno mega1280 ("AT + VERSION" to check the vertion)
Introduction
Arduino Mega Arduino is the high-end series of the Arduino controller. DFRduino Mega1280 is
based on ATmega1280 control chip as the core, with 54 digital I/O (input/output) ports (of which 14
can be used as PWM output), 16 analog input ports and 4 UART (hardware serial ports), using a 16
MHz crystal oscillator.


Similar Part No. - DFR0306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DFR0300 ETC-DFR0300 Datasheet
75Kb / 1P
Conductivity Electrode User Manual
logo
DFROBOT
DFR0305 DFROBOT-DFR0305 Datasheet
490Kb / 18P
RoMeo BLE (SKU:DFR0305)
DFR0308 DFROBOT-DFR0308 Datasheet
147Kb / 2P
DTMF Shield For Arduino SKU:DFR0308
More results

Similar Description - DFR0306

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
1280-Bit EEPROM with SHA-1 Authentication
011206
logo
Renesas Technology Corp
M62362P RENESAS-M62362P Datasheet
111Kb / 11P
1280 Resolution 3ch Multiplying D/A Converter
logo
AAEON Technology
APC-8172 AAEON-APC-8172 Datasheet
345Kb / 2P
17??TFT SXGA (1280 x 1024) LCD
APC-9172 AAEON-APC-9172 Datasheet
565Kb / 2P
17??TFT SXGA (1280 x 1024) LCD
logo
TriQuint Semiconductor
880368 TRIQUINT-880368_15 Datasheet
234Kb / 6P
1280 MHz BAW Filter
logo
Renesas Technology Corp
M62362P RENESAS-M62362P_15 Datasheet
131Kb / 11P
1280 Resolution 3ch Multiplying D/A Converter
logo
List of Unclassifed Man...
IPC-I5612M-2R ETC2-IPC-I5612M-2R Datasheet
655Kb / 2P
19" LED Panel support 1280 횞 1024pixel
IPC-I5617M-2R ETC2-IPC-I5617M-2R Datasheet
850Kb / 2P
17" Panel support 1280 횞 1024pixel
logo
Qorvo, Inc
880368 QORVO-880368 Datasheet
234Kb / 6P
1280 MHz BAW Filter
logo
3M Electronics
1280 3M-1280 Datasheet
69Kb / 2P
3M??Circuit Plating Tape 1280
May 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com