Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0343 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0343
Description  UHex Low‐power Controller SKU: DFR0343
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0343 Datasheet(HTML) 3 Page - DFROBOT

  DFR0343 Datasheet HTML 1Page - DFROBOT DFR0343 Datasheet HTML 2Page - DFROBOT DFR0343 Datasheet HTML 3Page - DFROBOT DFR0343 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
uHex
Silk-
screen
Digital
Interface
PWM
Interface
Analog
Interface
Proprietary Function
RX
0
Serial
TX
1
2
2
INT0
3
3
3
INT1
5
5
5
 
9
9
9
 
10
10
10
 
11
11
11
 
A0
A0
A0
A1
A1
A1
A2
A2
A2
A3
A3
A3
SDA
SDA
A4
I2C
SCL
SCL
A5
DTR
DTR
+
 
VCC
-
GND
⊕
  
Controllable power
port
Programming
The board type of uHex is same to Arduino Pro or Pro Mini (3.3V, 8 MHz) w/ ATmega328, you could
select it in the board menu, and program it with FTDI programmer. (Note: The bootloader of uHex
is different from Arduino Pro or Pro Mini one. Please don't update bootloader by this one.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com