Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0343 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0343
Description  UHex Low‐power Controller SKU: DFR0343
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0343 Datasheet(HTML) 2 Page - DFROBOT

  DFR0343 Datasheet HTML 1Page - DFROBOT DFR0343 Datasheet HTML 2Page - DFROBOT DFR0343 Datasheet HTML 3Page - DFROBOT DFR0343 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NOTE
1. Please don't update the bootloader since it is different from the Arduino Pro
or Pro Mini one.
2. Please connect an external power supply, if you want to make some large curre
nt application such as servo control.
Specification
Microcontroller: ATmega328P (board type: Arduino Pro or Pro Mini (3.3V, 8 MHz) w/ ATmega328
)
Operating Voltage: 2.7 - 5V
Clock Frequency: 8MHz (RC)
Sleep Current: 0.12uA@3V3, 0.16uA@5V (watchdog OFF)
Flash: 32 KB ( 0.5KB used by bootloader)
SRAM: 2 KB
EEPROM: 1 KB
Digital I/O Pins: 14 (PWM: 3,5,9,10,11)
Analog I/O Pins: 6
UART Interface: 1
I2C Interface: 1
Interrupt interface: 2
Power in Port: 1
Power out Port: 6 (4 of them are controllable power port)
Maximum Current from Controllable Power out: 2A
Dimension: 28 x 31 x 2.3 (mm)
Weight: 10g
Pin Definition



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com