Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0343 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0343
Description  UHex Low‐power Controller SKU: DFR0343
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0343 Datasheet(HTML) 1 Page - DFROBOT

  DFR0343 Datasheet HTML 1Page - DFROBOT DFR0343 Datasheet HTML 2Page - DFROBOT DFR0343 Datasheet HTML 3Page - DFROBOT DFR0343 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
UHex Low‐power Controller SKU: DFR0343
 
μHex
Contents
1 Introduction
2 Specification
3 Pin Definition
4 Programming
5 Sample Code
5.1 Low power Consumption Application
5.1.1 -Wake up by Interrupt
5.1.2 -Wake up by Timer
5.1.3 -Integrated Application
5.2 General Application
Introduction
μHex is the first low-power controller which is compatible with Arduino. It is very suitable for the
battery power supply environment. A 210mAh CR2032 cell battery can support it standing by 60
days with using PIR sensor (SEN0171) as a trigger.
As it is using Atmega 328 Microcontroller, it has good general and powerful performance. It has 14
GPIO and 7 power ports (4 of them could be controlled) which could meet most of your project.


Similar Part No. - DFR0343

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0341 DFROBOT-DFR0341 Datasheet
85Kb / 2P
Intel Galileo Gen 2 Development Board
DFR0342 DFROBOT-DFR0342 Datasheet
527Kb / 11P
W5500 Ethernet with POE Mainboard SKU: DFR0342
DFR0347 DFROBOT-DFR0347 Datasheet
351Kb / 7P
2.8" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0347
8-23-18
DFR0348 DFROBOT-DFR0348 Datasheet
518Kb / 8P
3.5" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0348
8-23-18
More results

Similar Description - DFR0343

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
LOW POWER ETHERNET PCMCIA CONTROLLER
logo
Gilway Technical Lamp
58595 GILWAY-58595 Datasheet
36Kb / 1P
50mr16bnfl25 12v 10/cs 1/sku
logo
Analog Devices
TMP01 AD-TMP01_09 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
logo
Pixart Imaging Inc.
PAP1100 PIXART-PAP1100 Datasheet
236Kb / 3P
Low Power 10 Touch Controller
logo
ON Semiconductor
NCP1032 ONSEMI-NCP1032 Datasheet
533Kb / 21P
Low Power PWM Controller
May, 2014 ??Rev. 2
NCP1030 ONSEMI-NCP1030_14 Datasheet
192Kb / 21P
Low Power PWM Controller
September, 2014 ??Rev. 11
NCP1032 ONSEMI-NCP1032_16 Datasheet
532Kb / 21P
Low Power PWM Controller
October, 2016 ??Rev. 3
logo
SHENZHEN FUMAN ELECTRON...
TC12 FUMAN-TC12 Datasheet
250Kb / 6P
Low power switching power supply controller
TC22 FUMAN-TC22 Datasheet
312Kb / 6P
Low power switching power supply controller
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com