Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0505 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0505
Description  SIM7000C Arduino NB IoT/LTE/GPRS Expansion Shield SKU: DFR0505
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0505 Datasheet(HTML) 3 Page - DFROBOT

  DFR0505 Datasheet HTML 1Page - DFROBOT DFR0505 Datasheet HTML 2Page - DFROBOT DFR0505 Datasheet HTML 3Page - DFROBOT DFR0505 Datasheet HTML 4Page - DFROBOT DFR0505 Datasheet HTML 5Page - DFROBOT DFR0505 Datasheet HTML 6Page - DFROBOT DFR0505 Datasheet HTML 7Page - DFROBOT DFR0505 Datasheet HTML 8Page - DFROBOT DFR0505 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NOTE:
1. Software/Hardware Serial Port Switch: Arduino UNO/Mega controllers connect USB with the
hardware interface D0,D1 in default. So serial port conflicts are common when serial ports are used
by the expansion shields. Considering these conflicts, SIM7000C Arduino NB-IoT/LTE/GPRS expansion
shield equipped with a software serial port to communicate with Arduino. Learn more about Arduino
SoftwareSerial Library.
2. Boot button connected to D12 in default to control program conveniently. You can pull up D12 for 2s
to ON/OFF. SIM7000C ON will initialize to get ready to work in about 2s.
Tutorial(Based on SIM7000 Library)
Requirements
•
Hardware
•
DFR0216 DFRduino UNO R3 - Arduino Compatible x1
•
DFR0505 SIM7000C Arduino NB-IoT/LTE/GPRS Expansion Shield x1
•
USB Wire x1
•
7V~12V DC Power Supply x1
•
Software
•
Arduino IDE, Click to Download Arduino IDE from Arduino®
•
Please click to download NB-IoT SIM7000 Shield Library. How to install Libraries in Arduino IDE.
Connection Diagram
Plug the SIM7000C Arduino NB-IoT/LTE/GPRS Expansion Shield to DFRduino UNO R3 directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com