Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0505 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0505
Description  SIM7000C Arduino NB IoT/LTE/GPRS Expansion Shield SKU: DFR0505
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0505 Datasheet(HTML) 1 Page - DFROBOT

  DFR0505 Datasheet HTML 1Page - DFROBOT DFR0505 Datasheet HTML 2Page - DFROBOT DFR0505 Datasheet HTML 3Page - DFROBOT DFR0505 Datasheet HTML 4Page - DFROBOT DFR0505 Datasheet HTML 5Page - DFROBOT DFR0505 Datasheet HTML 6Page - DFROBOT DFR0505 Datasheet HTML 7Page - DFROBOT DFR0505 Datasheet HTML 8Page - DFROBOT DFR0505 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SIM7000C Arduino NB-IoT/LTE/GPRS
Expansion Shield SKU: DFR0505
NB-IoT(Narrow Band-Internet of Things) technology is a new IoT technical branch and supports
cellular data network connection of low power consumption device in WAN (Wide Area Network),
which also called as LPWAN. NB-IoT operates in authorized frequency spectrum. It can be directly
deployed to GSM, UMTS, LTE without any interference of current networks, while the bandwidth
consumption is just about 180KHz.
This SIM7000C Arduino NB-IoT/LTE/GPRS expansion shield is a wireless communication module
produced by DFRobot and the design is based on SIMCom SIM7000C chip. This wireless
communication module is designed for Arduino controllers, supporting multi-frequency LTE-FDD
communication, dual-frequency GPRS/EDGE communication, NB-IoT communication. No matter
prototype developments or small-batch productions, SIM7000C Arduino NB-IoT/LTE/GPRS
expansion shield is the best solution to applications of low power consumption, low latency and
meddle-throughput. Besides onboard GNSS (Global Navigation Satellite System), SIM7000C
supports American GPS, Russian GLONASS, European Galileo, Japanese QZSS and Chinese
BeiDou Navigation Satellite System. It can be widely applied to IoT applications such as long
distance control, moving tracking, long distance data uploading and shared bikes.
The SIM7000C Arduino NB-IoT/LTE/GPRS expansion shield supports both SIM card and NB-IoT
card synchronously. You can plug in a common SIM card to achieve traditional GSM applications,
such as make a phone call and send message. You can also plug in a NB-IoT card to realize NB-IoT
data transmission. Besides, this expansion shield provides a BME280 environmental sensor. So it
could be a prototype to develop NB-IoT projects, monitoring temperature, humidity and pressure.


Similar Part No. - DFR0505

ManufacturerPart #DatasheetDescription
logo
Dubilier
DFR050 DUBILIER-DFR050 Datasheet
718Kb / 5P
Power Flame Proof Resistors
logo
DFROBOT
DFR0502 DFROBOT-DFR0502 Datasheet
638Kb / 7P
Gravity:IO Expansion & Motor Driver Shield V1.1 SKU: DFR0502
1-10-18
DFR0504 DFROBOT-DFR0504 Datasheet
611Kb / 2P
Gravity: Analog Signal Isolator
9-19-17
DFR0507 DFROBOT-DFR0507 Datasheet
676Kb / 28P
FireBeetle Covers OLED12864 Display SKU: DFR0507
7-16-18
DFR0508 DFROBOT-DFR0508 Datasheet
952Kb / 18P
FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
1-10-18
More results

Similar Description - DFR0505

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
LTE-M / NB-IoT modules with secure cloud
UBX-R5 U-BLOX-UBX-R5 Datasheet
158Kb / 2P
Multi-band LTE-M / NB-IoT chipset
logo
List of Unclassifed Man...
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
SIMCom NB-IoT Module
logo
Digi International Inc.
XK3-C-N1-UT-E DIGI-XK3-C-N1-UT-E Datasheet
269Kb / 3P
DIGI XBEE 3 CELLULAR LTE-M/NB-IOT
logo
SparkFun Electronics
CEL-15087 SPARKFUN-CEL-15087 Datasheet
303Kb / 5P
SparkFun LTE CAT M1/NB-IoT Shield - SARA-R4 (with Hologram SIM Card)
12????8
logo
Nordic Semiconductor
NRF9160 NORDIC-NRF9160_V01 Datasheet
6Mb / 400P
Cellular Modules LTE-M/NB-IoT/GPS product
4418_1315 v2.0 / 2020-09-21
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com