Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0505 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0505
Description  SIM7000C Arduino NB IoT/LTE/GPRS Expansion Shield SKU: DFR0505
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0505 Datasheet(HTML) 2 Page - DFROBOT

  DFR0505 Datasheet HTML 1Page - DFROBOT DFR0505 Datasheet HTML 2Page - DFROBOT DFR0505 Datasheet HTML 3Page - DFROBOT DFR0505 Datasheet HTML 4Page - DFROBOT DFR0505 Datasheet HTML 5Page - DFROBOT DFR0505 Datasheet HTML 6Page - DFROBOT DFR0505 Datasheet HTML 7Page - DFROBOT DFR0505 Datasheet HTML 8Page - DFROBOT DFR0505 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Specification
•
Input Voltage: 7~12VDC (VIN range: 6~20V)
•
Communication Module: SIM7000C
•
Single-Band TDD-LTE B39
•
Quad-Band FDD-LTE B1/B3/B5/B8
•
GPRS/EDGE 900/1800 MHz
•
Output power
•
GSM900: 2W
•
DCS1800: 1W
•
Control Via AT Commands
•
Operation temperature: -40
℃ to +85℃
•
GNSS (GPS, GLONASS, BeiDou, Compass, Galileo, QZSS)
•
Firmware update via USB 2.0
•
Support SIM card and NB-IoT card (NOTE: Please ensure the SIM frequency range been used is
included in the frequency range it supported).
•
BME280 Environmental Sensor
•
Temperature Measuring Range: -40
℃~+85℃, resolution of 0.1℃, deviation of ±0.5℃
•
Humidity Measuring Range: 0~100%RH, resolution of 0.1%RH, deviation of ±2%RH
•
Pressure Measuring Range: 300~1100hPa
•
Humidity Sampling Time: 1s
•
Operating Temperature:-30
℃~+85℃
•
Dimension: 2.1 x 2.7inch /53.4 x 68.6mm
Board Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com