Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30C Datasheet(PDF) 2 Page - Multicomp Pro

Part # TIP30C
Description  Complementary Silicon Plastic Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP30C Datasheet(HTML) 2 Page - Multicomp Pro

  TIP30C Datasheet HTML 1Page - Multicomp Pro TIP30C Datasheet HTML 2Page - Multicomp Pro TIP30C Datasheet HTML 3Page - Multicomp Pro TIP30C Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
14/10/19
Complementary Silicon
Plastic Power Transistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Parameter
Symbol
Min.
Max.
Unit
OFF Characteristics
Collector - Emitter Breakdown Voltage (Note 1)
(Ic = 30mA, Ib = 0) TIP30A
TIP30C
V(br)ceo
60
100
-
V
Collector Cut-off Current
Vce = 30V, Ib = 0 TIP30A
Vce = 60V, Ib = 0 TIP30C
Iceo
-
0.3
0.3
mA
Collector Cut-off Current
Vce = 60V, Veb = 0 TIP30A
Vce = 100V, Veb = 0 TIP30C
Ices
0.2
0.2
mA
Emitter Cut-off Current
(Veb = 5V, Ic = 0)
Iebo
-
1
mA
ON Characteristics (Note 1)
DC Current Gain
(Vce = 4V, Ic = 0.2A)
(Vce = 4V, Ic = 1A)
hfe
40
15
75
-
Collector - Emitter Saturation Voltage
(Ic = 1A, Ib = 125mA)
Vce(sat)
-
0.7
V
Base - Emitter On Voltage
(Ic = 1A, Vce = 4V)
Vbe(on)
-
1.3
Dynamic Characteristics
Current Gain-Bandwidth Product (Note 2)
(Vce = 10V, Ic = 200mA, f = 1MHz)
fT
3
-
MHz
Small-Signal Current Gain
(Vce = 10V, Ic = 200mA, f = 1kHz)
hfe
20
-
-
Electrical Characteristics (Ta = 25°C unless otherwise specified)
(1) Pulse Test: Pulse Width ≤300μs, Duty Cycle ≤2%
(2) fT = | hFE | ° fTest
Turn - On Time
Ic, Collector Current (A)
Switching Time Equivalent Circuit
Rb and Rc Varied to Obtain Desired Current Levels



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com