Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30C Datasheet(PDF) 1 Page - Multicomp Pro

Part # TIP30C
Description  Complementary Silicon Plastic Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP30C Datasheet(HTML) 1 Page - Multicomp Pro

  TIP30C Datasheet HTML 1Page - Multicomp Pro TIP30C Datasheet HTML 2Page - Multicomp Pro TIP30C Datasheet HTML 3Page - Multicomp Pro TIP30C Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
14/10/19
Complementary Silicon
Plastic Power Transistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Collector-Emitter sustaining voltage - Vceo (sus) = 60V (Minimum) - TIP30A
= 100V (Minimum) - TIP30C
• Collector-Emitter saturation voltage - Vce (sat) = 0.7V (Maximum) at Ic = 1A
• Current gain-bandwidth product fT = 3MHz (Minimum) at Ic = 200 mA
Maximum Ratings
Characteristic
Symbol
TIP30A
TIP30C
Unit
Collector-Emitter Voltage
Vceo
60
100
V
Collector-Base Voltage
Vcbo
Emitter-Base Voltage
Vebo
5
Collector Current - Continuous
- Peak
Ic
1
3
A
Base Current
Ib
0.4
Total Power Dissipation at Tc = 25°C
Derate above 25°C
Pd
30
0.24
W
W / °C
Operating and Storage Junction Temperature Range
Tj, TsTg
-65 to +150
°C
Characteristic
Symbol
Max.
Unit
Thermal Resistance Junction to Case
Rθjc
4.167
V
Thermal Characteristics
PNP
TIP30A
TIP30C
TO-220
Power Derating
Tc, Temperature (°C)


Similar Part No. - TIP30C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30C MOSPEC-TIP30C Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Motorola, Inc
TIP30C MOTOROLA-TIP30C Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
TIP30C ONSEMI-TIP30C Datasheet
137Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP30C POINN-TIP30C Datasheet
85Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30C FAIRCHILD-TIP30C Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
More results

Similar Description - TIP30C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com