Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30C Datasheet(PDF) 3 Page - Multicomp Pro

Part # TIP30C
Description  Complementary Silicon Plastic Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP30C Datasheet(HTML) 3 Page - Multicomp Pro

  TIP30C Datasheet HTML 1Page - Multicomp Pro TIP30C Datasheet HTML 2Page - Multicomp Pro TIP30C Datasheet HTML 3Page - Multicomp Pro TIP30C Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
14/10/19
Complementary Silicon
Plastic Power Transistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
DC Current Gain
Ic, Collector Current (A)
Turn-Off Time
Ic, Collector Current (A)
Active Region Safe Operating Area
Vce, Collector Emitter Voltage (V)
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown safe operating area curves indicate Ic - Vce limits
of the transistor that must be observed for reliable operation
i.e., the transistor must not be subjected to greater dissipation
than the curves indicate
The data of beside curve is based on Tj(Pk) = 150°C; Tc is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% provided Tj(Pk) = 150°C.
At high case temperatures, thermal limitation will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com