Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151-600-R Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BT151-600-R
Description  12A Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BT151-600-R Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BT151-600-R Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BT151-500R/-600R/-800R
12A Silicon Controlled Rectifiers
http://
www.lgesemi.com
Revision:20240716-P3
mail:lge@lgesemi.com
RATING AND CHARACTERISTICS CURVES
Tmb (°C)
- 50
150
100
0
50
8
4
12
16
IT(RMS)
(A)
0
Fig. 2. RMS on-state current as a function of mounting
base temperature; maximum values
surge duration (s)
10- 2
10
1
10- 1
10
15
5
20
25
IT(RMS)
(A)
0
Fig. 3. RMS on-state current as a function of surge
duration; maximum values
001aaa956
tp (s)
10- 5
10- 2
10- 3
10- 4
102
103
ITSM
(A)
10
dlT/dt limit
tp
Tj initial = 25 °C max
IT
ITSM
t
Fig. 4. Non-repetitive peak on-state current as a function of pulse width for sinusoidal currents; maximum values
10-1
10-2
1
10
Zth(j-mb)
(K/W)
10-3
tp (s)
10-5
1
10
10-1
10-2
10-4
10-3
Fig. 6. Transient thermal impedance from
junction to mounting base as a function of
pulse width
80
40
120
160
ITSM
(A)
0
number of cycles
1
103
102
10
tp
Tj initial = 25 °C max
IT
ITSM
t
Fig. 5. Non-repetitive peak on-state current as a
function of the number of sinusoidal current
cycles; maximum values



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com