Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151-600-R Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BT151-600-R
Description  12A Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BT151-600-R Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BT151-600-R Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BT151-500R/-600R/-800R
12A Silicon Controlled Rectifiers
http://
www.lgesemi.com
Revision:20240716-P4
mail:lge@lgesemi.com
RATING AND CHARACTERISTICS CURVES
Tj (°C)
- 50
150
100
0
50
1
2
3
0
IGT
IGT(25°C)
Fig. 7. Normalized gate trigger current as a function of
junction temperature
Tj (°C)
- 50
150
100
0
50
1
2
3
0
IL
IL(25°C)
Fig. 8. Normalized latching current as a function of
junction temperature
Tj (°C)
- 50
150
100
0
50
1
2
3
IH
IH(25°C)
0
Fig. 9. Normalized holding current as a function of
junction temperature
VT (V)
0
2
1.5
0.5
1
10
20
30
IT
(A)
0
(3)
(2)
(1)
Vo = 1.06 V; Rs = 0.0304 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig. 10. On-state current as a function of on-state voltage
001aaa949
103
102
104
dVD/dt
(V/µs)
10
Tj (°C)
0
150
100
50
(2)
(1)
(1) RGK = 100 Ω;
(2) gate open circuit
Fig. 11. Critical rate of rise of off-state voltage as a
function of junction temperature; minimum values
Tj (°C)
- 50
150
100
0
50
001aaa953
0.8
1.2
1.6
0.4
VGT
VGT(25°C)
Fig. 12. Normalized gate trigger voltage as a function of
junction temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com