Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151-600-R Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BT151-600-R
Description  12A Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BT151-600-R Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BT151-600-R Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-600-R Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BT151-500R/-600R/-800R
12A Silicon Controlled Rectifiers
http://
www.lgesemi.com
Revision:20240716-P1
mail:lge@lgesemi.com
Features:
◇
Single side grooving technology with independent
Intellectualproperty rights,table glass passivation
Technology;
◇
Multi-layer metallized electrode;
◇
High blocking voltage and high temperature stability.
Applications
It is widely used in the fields of lighting, temperature
adjustment, speed regulation, electric tools,massager,
solid -state relay,washing machine, vacuum cleaners,
AC motor speed regulation and so on.
Mechanical Data
◇
Moisture Sensitivity: MSL Level 1,per J-STD-020
◇
Terminals:Matte Tin Finish.
Solderable per MIL-STD-202 Method 208
◇
Case Material:Molded Plastic;
◇
Molding compound meet UL Flammability
ClassificationRating 94V-0
◇ Case:JEDEC TO-220AB
MAXIMUM RATING
Ratings at 25℃ ambient tepmerature unless otherwise specified.
PARAMETER
SYMBOL
VALUE
UNITS
R.M.S. On-State Current
Tc=105℃
IT(RMS)
12
A
On-State average current
Tc=105℃
IT(AV)
7.5A
A
Non-Repetitive
Surge
Peak
On-State
Current(Full Cycle,Tj initial=25℃)
F=50HZ
T=10ms
ITSM
120
A
F=60HZ
T=8.3ms
132
I2t Value for Fusing
tp=10ms
I2t
72
A2s
Critical Rate of Rise of On-State Current
F=120HZ
Tj=125℃
di/dt
50
A/μs
Repetitive peak Off-State voltage
Tj=25℃
VDRM/VRRM
500/600/800
V
Non repetitive surge peak off-state voltage tp=10ms
Tj=25℃
VDSM/VRSM
VDRM/VRRM+100
V
Peak Gate Current
tp=20μs
Tj=125℃
IGM
5
A
Peak Gate Current
tp=20μs
Tj=125℃
VGM
5.0
V
Peak Gate Power Dissipation
Tj=125℃
PGM
20
W
Average Gate Power Dissipation
Tj=125℃
PG(AV)
1.0
W
Typical Thermal Resistance(Junction to Ambient)
TO-220AB
RΘJA
55
℃
/W
Typical Thermal Resistance(Junction to Case (AC))
TO-220AB
RΘJC
1.1
℃
/W
Operating Junction temperature
TJ
-40~+125
℃
Storage temperature range
TSTG
-40~+150
℃


Similar Part No. - BT151-600-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT151-600 ETC1-BT151-600 Datasheet
143Kb / 3P
HCP12C60
logo
SemiWell Semiconductor
BT151-600 SEMIWELL-BT151-600 Datasheet
625Kb / 5P
Silicon Controlled Rectifiers
logo
Inchange Semiconductor ...
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
New Jersey Semi-Conduct...
BT151-600 NJSEMI-BT151-600 Datasheet
83Kb / 1P
Thyristors
More results

Similar Description - BT151-600-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
Silicon Controlled Rectifiers
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
List of Unclassifed Man...
S1210MH ETC1-S1210MH Datasheet
650Kb / 3P
Silicon controlled rectifiers(12A)
S1210MM ETC1-S1210MM Datasheet
429Kb / 2P
Silicon controlled rectifiers(12A)
S1210MS ETC1-S1210MS Datasheet
432Kb / 2P
Silicon controlled rectifiers(12A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com