Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS75M2F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTS75M2F
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS75M2F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTS75M2F Datasheet HTML 5Page - STMicroelectronics STTS75M2F Datasheet HTML 6Page - STMicroelectronics STTS75M2F Datasheet HTML 7Page - STMicroelectronics STTS75M2F Datasheet HTML 8Page - STMicroelectronics STTS75M2F Datasheet HTML 9Page - STMicroelectronics STTS75M2F Datasheet HTML 10Page - STMicroelectronics STTS75M2F Datasheet HTML 11Page - STMicroelectronics STTS75M2F Datasheet HTML 12Page - STMicroelectronics STTS75M2F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
STTS75
Summary description
9/38
1.3
Pin descriptions
See Figure 1 on page 7 and Table 1 on page 7 for a brief overview of the signals connected
to this device.
1.3.1
SDA (open drain)
This is the Serial Data Input/Output pin for the 2-wire serial communication port.
1.3.2
SCL
This is the Serial Clock Input pin for the 2-wire serial communication port.
1.3.3
OS/INT (open drain)
This is the Over-Limit Signal/Interrupt Alert Output pin. It is open drain, so it needs a pull-up
resistor.
Note:
The open drain thermostat output that indicates if the temperature has exceeded user-
programmable limits (Over/Under Temperature indicator).
1.3.4
GND
Ground; it is the reference for the power supply. It must be connected to system ground.
1.3.5
A2, A1, A0
A2, A1, and A0 are selectable address pins for the 3LSBs of the I2C interface address. They
can be set to VDD or GND to provide 8 unique address selections.
1.3.6
VDD
This is the supply voltage pin, and ranges from +2.7V to +5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com