Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS75M2F Datasheet(PDF) 28 Page - STMicroelectronics

Part # STTS75M2F
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS75M2F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STTS75M2F Datasheet HTML 24Page - STMicroelectronics STTS75M2F Datasheet HTML 25Page - STMicroelectronics STTS75M2F Datasheet HTML 26Page - STMicroelectronics STTS75M2F Datasheet HTML 27Page - STMicroelectronics STTS75M2F Datasheet HTML 28Page - STMicroelectronics STTS75M2F Datasheet HTML 29Page - STMicroelectronics STTS75M2F Datasheet HTML 30Page - STMicroelectronics STTS75M2F Datasheet HTML 31Page - STMicroelectronics STTS75M2F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Maximum rating
STTS75
28/38
5
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
1.
Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to exceed 180°C
for between 90 to 150 seconds).
Table 12.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature
–60 to 150
°C
TSLD
(1)
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
VDD +0.5
V
VDD
Supply voltage
7.0
V
VOUT
Output voltage
VDD + 0.5
V
IO
Output current
10
mA
PD
Power dissipation
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com