Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS75M2F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STTS75M2F
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS75M2F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STTS75M2F Datasheet HTML 9Page - STMicroelectronics STTS75M2F Datasheet HTML 10Page - STMicroelectronics STTS75M2F Datasheet HTML 11Page - STMicroelectronics STTS75M2F Datasheet HTML 12Page - STMicroelectronics STTS75M2F Datasheet HTML 13Page - STMicroelectronics STTS75M2F Datasheet HTML 14Page - STMicroelectronics STTS75M2F Datasheet HTML 15Page - STMicroelectronics STTS75M2F Datasheet HTML 16Page - STMicroelectronics STTS75M2F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
STTS75
Operation
13/38
2.4
Interrupt mode
In Interrupt mode, the OS/INT output first becomes active when the measured temperature
exceeds the TOS value a consecutive number of times equal to the FT value in the
Configuration register. Once activated, the OS/INT can only be cleared by either putting the
STTS75 into shutdown mode or by reading from any register (temperature, configuration,
TOS, or THYS) on the device. Once the OS/INT has been deactivated, it will only be
reactivated when the measured temperature falls below the THYS value a consecutive
number of times equal to the FT value. Figure 5 illustrates typical OS output temperature
response for STTS75 configured to have a fault tolerance of 2. The interrupt/clear process is
cyclical between TOS and THYS.
Figure 5.
OS output temperature response diagram
1.
This assumes that a READ has occurred.
Note:
The STTS75 is configured to have a fault tolerance of 2 in this example.
(1)
Conversions
TOS
Temperature
THYS
Inactive
Active
Inactive
Active
OS Output - Comparator mode
OS Output - Interrupt mode
(1)
(1)
AI12224b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com