Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS752F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STTS752F
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STTS752F Datasheet HTML 10Page - STMicroelectronics STTS752F Datasheet HTML 11Page - STMicroelectronics STTS752F Datasheet HTML 12Page - STMicroelectronics STTS752F Datasheet HTML 13Page - STMicroelectronics STTS752F Datasheet HTML 14Page - STMicroelectronics STTS752F Datasheet HTML 15Page - STMicroelectronics STTS752F Datasheet HTML 16Page - STMicroelectronics STTS752F Datasheet HTML 17Page - STMicroelectronics STTS752F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Operation
STTS75
14/38
2.5
Fault tolerance
For both Comparator and Interrupt modes, the alarm “fault tolerance” setting plays a role in
determining when the OS/INT output will be activated. Fault tolerance refers to the number
of consecutive times an error condition must be detected before the user is notified. Higher
fault tolerance settings can help eliminate false alarms caused by noise in the system. The
alarm fault tolerance is controlled by the bits (Bits 4 and 3) in the Configuration Register.
These bits can be used to set the fault tolerance to 1, 2, 4, or 6 as shown in Table 2. At
power-up, these bits both default to logic '0.'
2.6
Shutdown mode
For power-sensitive applications, the STTS75 offers a low-power shutdown mode. The SD
Bit in the Configuration register controls shutdown mode. When SD is changed to login '1,'
the conversion in progress will be completed and the result stored in the temperature
register, after which the STTS75 will go into a low-power standby state. The OS/INT output
will be cleared if the thermostat is operating in Interrupt mode and the OS/INT will remain
unchanged in Comparator mode. The 2-wire interface remains operational in shutdown
mode, and writing a '0' to the SD Bit returns the STTS75 to normal operation.
Table 2.
Fault tolerance setting
FT1
FT0
STTS75 (Consecutive Faults)
Comments
0
0
1
Power-up default
01
2
10
4
11
6
Table 3.
Shutdown mode and one-shot mode description
Operational mode
One-shot mode (OSM) (bit 7)
Shutdown (SD) (bit 0)
Continuous conversion
0
0
Shutdown (1)
1.
The shutdown command needs to be programmed before sending a one-shot command.
01
Continuous conversion
1
0
One-shot
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com