Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS752F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STTS752F
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STTS752F Datasheet HTML 12Page - STMicroelectronics STTS752F Datasheet HTML 13Page - STMicroelectronics STTS752F Datasheet HTML 14Page - STMicroelectronics STTS752F Datasheet HTML 15Page - STMicroelectronics STTS752F Datasheet HTML 16Page - STMicroelectronics STTS752F Datasheet HTML 17Page - STMicroelectronics STTS752F Datasheet HTML 18Page - STMicroelectronics STTS752F Datasheet HTML 19Page - STMicroelectronics STTS752F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Functional description
STTS75
16/38
3
Functional description
The STTS75 registers have unique pointer designations which are defined in Table 6 on
page 16. Whenever any READ/WRITE operation to the STTS75 register is desired, the user
must “point” to the device register to be accessed.
All of these user-accessible registers can be accessed via the digital serial interface at
anytime (see Serial interface on page 20), and they include:
Command Register/Address Pointer Register
Configuration Register
Temperature Register
Over-Limit Signal Temperature Register (TOS)
Hysteresis Temperature Register (THYS)
3.1
Registers and register set formats
3.1.1
Command/pointer register
The Most Significant Bits (MSBs) of the Command Register must always be zero. Writing a
'1' into any of these bits will cause the current operation to be terminated (see Table 5).
The Command Register retains pointer information between operations. Therefore, this
register only needs to be updated once for consecutive READ operations from the same
register. All bits in the Command Register default to '0' at power-up.
Table 5.
Command/pointer register format
MSB
LSB
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00
000
0
P1
P0
Pointer
Table 6.
Register pointers selection summary
Pointer
Value
(H)
P1
P0
Name
Description
Width
(Bits)
Type
(R/W)
Power-on
default
Comments
0000
TEMP
Temperature
Register
16
Read
only
N/A
To store Measured
Temperature Data
01
0
1
CONF
Configuration
Register
8R/W
00
0210
THYS
Hysteresis
Register
16
R/W
4800
Default = 75°C
0311
TOS
Over-
temperature
Shutdown
16
R/W
5000
Set point for Over-
temperature
Shutdown (TOS) limit
default = 80°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com