Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS752F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STTS752F
Description  Digital temperature sensor and thermal watchdog
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS752F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STTS752F Datasheet HTML 14Page - STMicroelectronics STTS752F Datasheet HTML 15Page - STMicroelectronics STTS752F Datasheet HTML 16Page - STMicroelectronics STTS752F Datasheet HTML 17Page - STMicroelectronics STTS752F Datasheet HTML 18Page - STMicroelectronics STTS752F Datasheet HTML 19Page - STMicroelectronics STTS752F Datasheet HTML 20Page - STMicroelectronics STTS752F Datasheet HTML 21Page - STMicroelectronics STTS752F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Functional description
STTS75
18/38
3.1.3
Temperature register
The Temperature Register is a two-byte (16-bit) “Read only” register (see Table 9 on
page 18). Digital temperatures from the ADC are stored in the Temperature Register in
two’s complement format, and the contents of this register are updated each time the A/D
conversion is finished.
The user can read data from the Temperature Register at any time. When a A/D conversion
is completed, the new data is loaded into a comparator buffer to evaluate fault conditions,
and will update the Temperature Register if a read cycle is not ongoing. The STTS75 is
continuously evaluating fault conditions regardless of READ or WRITE activity on the bus. If
a READ is ongoing, the previous temperature will be read. The readable temperature will be
updated upon the completion of the next A/D conversion that is not masked by a read cycle.
Depending on the A/D conversion resolution, the 9-, 10-, 11- or 12-bit MSBs of the register
will contain temperature data. All unused bits following the digital temperature will be zero.
The MSB (Bit 15) of the Temperature Register denotes whether the temperature data is
positive or negative. A '0' in Bit 15 is positive and a '1' is negative.
3.1.4
Over-limit temperature register (TOS)
The TOS Register is a two-byte (16-bit) READ/WRITE register that stores the user-
programmable upper trip-point temperature for the thermal alarm in two’s complement
format (see Table 10 on page 19). This register defaults to 80°C at power-up (i.e., 0101
0000 0000 0000).
The format of the TOS Register is identical to that of the Temperature Register. The 4 LSBs
of the TOS Register are hardwired to zero, so data written to these register bits will be
ignored. The MSB position contains the sign bit for the digital temperature and Bit14
contains the temperature MSB.
The resolution setting for the A/D conversion determines how many bits of the TOS Register
are used by the thermal alarm. For example, for 9-bit conversions, the trip-point temperature
is defined by the 9 MSBs of the TOS register, and all remaining bits are “Don’t cares.”
Table 9.
Temperature register format
Bytes
MS Byte
LS Byte
Bits
MSB
THSB
TLSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STTS75
SB
TMSB TD
TD
TD
TD TD TD
9-bit
LSB
10-bit
LSB
11-bit
LSB
12-bit
LSB
00
0
0
Keys:
SB =Two’s complement Sign Bit
TMSB =Temperature MSB
TLSB =Temperature LSB
TD =Temperature Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com