Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0521 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0521
Description  micro:bit Expansion Board for Boson (Gravity Compatible)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0521 Datasheet(HTML) 3 Page - DFROBOT

  DFR0521 Datasheet HTML 1Page - DFROBOT DFR0521 Datasheet HTML 2Page - DFROBOT DFR0521 Datasheet HTML 3Page - DFROBOT DFR0521 Datasheet HTML 4Page - DFROBOT DFR0521 Datasheet HTML 5Page - DFROBOT DFR0521 Datasheet HTML 6Page - DFROBOT DFR0521 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The expansion board comes with 6 fool-proof 3-Pin sockets, compatible with hundreds of DFRobot’s Boson and
Gravity modularized electronic blocks, covering most popular digital and analog sensors and actuators, supporting
sound, light and motion interaction.
Click the link to learn more about DFRobot’s Boson module: https://www.dfrobot.com/boson
Click the link to learn more about DFRobot’s Gravity module: https://www.dfrobot.com/gravity
Moreover, the on-board 3.5MM headphone jack and volume knob supports direct connection of headphone.
To ensure a steady current supply for these peripherals, the expansion board can be powered externally through the
USB power port.
micro:bit Boson game pad



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com