Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0521 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0521
Description  micro:bit Expansion Board for Boson (Gravity Compatible)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0521 Datasheet(HTML) 1 Page - DFROBOT

  DFR0521 Datasheet HTML 1Page - DFROBOT DFR0521 Datasheet HTML 2Page - DFROBOT DFR0521 Datasheet HTML 3Page - DFROBOT DFR0521 Datasheet HTML 4Page - DFROBOT DFR0521 Datasheet HTML 5Page - DFROBOT DFR0521 Datasheet HTML 6Page - DFROBOT DFR0521 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
 
 
micro:bit Expansion Board for Boson (Gravity Compatible)
SKU:DFR0521
 
 
INTRODUCTION
micro:bit is a pocket-sized microcontroller designed for kids and beginners to learn coding and electronics, letting
them easily bring ideas into DIY digital games, interactive projects and robotics.


Similar Part No. - DFR0521

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0520 DFROBOT-DFR0520 Datasheet
917Kb / 13P
Dual Digital Pot (100K) SKU: DFR0520
12-8-17
DFR0528 DFROBOT-DFR0528 Datasheet
1Mb / 2P
UPS HAT for Raspberry Pi Zero
12-5-19
More results

Similar Description - DFR0521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DK-LM3S9B96 TI1-DK-LM3S9B96_14 Datasheet
86Kb / 3P
FPGA Expansion Board for DK-LM3S9B96
logo
SparkFun Electronics
DEV-14444 SPARKFUN-DEV-14444 Datasheet
133Kb / 4P
Relay Expansion Board for Onion Omega
DEV-15270 SPARKFUN-DEV-15270 Datasheet
145Kb / 2P
SparkFun gator:log - micro:bit Accessory Board
9??2??9
DEV-15837 SPARKFUN-DEV-15837 Datasheet
227Kb / 2P
SparkFun weather:bit - micro:bit Carrier Board (Qwiic)
2??0??0
DEV-16129 SPARKFUN-DEV-16129 Datasheet
177Kb / 2P
SparkFun controller:bit - micro:bit Carrier Board
4????0
SEN-15269 SPARKFUN-SEN-15269 Datasheet
152Kb / 2P
SparkFun gator:environment - micro:bit Accessory Board
6??4??9
SEN-15271 SPARKFUN-SEN-15271 Datasheet
179Kb / 2P
SparkFun gator:particle - micro:bit Accessory Board
6??4??9
SEN-15272 SPARKFUN-SEN-15272 Datasheet
111Kb / 2P
SparkFun gator:soil - micro:bit Accessory Board
6??4??9
SEN-15273 SPARKFUN-SEN-15273 Datasheet
131Kb / 2P
SparkFun gator:UV - micro:bit Accessory Board
9??2??9
SEN-15289 SPARKFUN-SEN-15289 Datasheet
197Kb / 2P
SparkFun gator:microphone - micro:bit Accessory Board
6??4??9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com