Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0521 Datasheet(PDF) 6 Page - DFROBOT

Part # DFR0521
Description  micro:bit Expansion Board for Boson (Gravity Compatible)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0521 Datasheet(HTML) 6 Page - DFROBOT

  DFR0521 Datasheet HTML 1Page - DFROBOT DFR0521 Datasheet HTML 2Page - DFROBOT DFR0521 Datasheet HTML 3Page - DFROBOT DFR0521 Datasheet HTML 4Page - DFROBOT DFR0521 Datasheet HTML 5Page - DFROBOT DFR0521 Datasheet HTML 6Page - DFROBOT DFR0521 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Analog Slide Position (Potentiometer)
Sensor
Heart Rate Monitor
FEATURES
 3-Pin fool-proof connector x 6
 Headphone jack with volume knob
 External power port and ON/OFF switch
 DFRobot Gravity and Boson electronic module compatible
SPECIFICATION
 MicroUSB Power Port Voltage:5V
 PH2.0 Input/output Voltage: 3.3V
 Input/output ring Voltage: 3.3V
 Maximum Current: 500mA
 Working temperature: 0-85
 Dimension 80 * 70 mm / 3.15 * 2.76
 Weight: 48g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com