Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0534 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0534
Description  Voice Module SKU: DFR0534
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0534 Datasheet(HTML) 4 Page - DFROBOT

  DFR0534 Datasheet HTML 1Page - DFROBOT DFR0534 Datasheet HTML 2Page - DFROBOT DFR0534 Datasheet HTML 3Page - DFROBOT DFR0534 Datasheet HTML 4Page - DFROBOT DFR0534 Datasheet HTML 5Page - DFROBOT DFR0534 Datasheet HTML 6Page - DFROBOT DFR0534 Datasheet HTML 7Page - DFROBOT DFR0534 Datasheet HTML 8Page - DFROBOT DFR0534 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Return: None
E.g. AA 07 02 00 08 BB will specify to play the eighth audio in the current drive, and the audio
number is from 1 to 65535.
Play the audio in specified drive of specified path.(08)
Command: AA 08 length drive path SM
Return: None
Explanation: length= drive length + path length=1+ path length
Check the current online drive.(09)
Command: AA 09 00 B3
Return: AA 09 01 Drive SM
Explanation: The online drive is differentiated by bitwise usb:bit (0) sd:bit (1) flash:bit (2)
It can check the current online drive. It is recommended that you check the current online drive
before switching the drive.
Check the current drive(0A) to play
Command: AA 0A 00 84
Return: AA 0A 01 Drive SM
Switch to the specified drive(0B)
Command: AA 0B 01 drive SM
Return: None
Explanation: It is drive switching command. If the current drive is online, you can switch it to the
corresponding drive and wait to play. After switching, the module plays the first audio of this drive. It
is recommended to check whether the drive is online before you switch.
Check the total audios(0C)
Command: AA 0C 00 B6
Return: AA 0C 02 Upper-byte Lower-byte SM
Check the current audio(0D)
Command: AA 0D 00 B7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com