Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0534 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0534
Description  Voice Module SKU: DFR0534
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0534 Datasheet(HTML) 2 Page - DFROBOT

  DFR0534 Datasheet HTML 1Page - DFROBOT DFR0534 Datasheet HTML 2Page - DFROBOT DFR0534 Datasheet HTML 3Page - DFROBOT DFR0534 Datasheet HTML 4Page - DFROBOT DFR0534 Datasheet HTML 5Page - DFROBOT DFR0534 Datasheet HTML 6Page - DFROBOT DFR0534 Datasheet HTML 7Page - DFROBOT DFR0534 Datasheet HTML 8Page - DFROBOT DFR0534 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Board Overview
Num Name
Description
1
T
TX
2
R
RX
3
-
GND
4
+
3.3V-5V
5
VCC
3.3V-5V
4
GND
GND
5
BUSY
Busy signal pins, high for play, others are low
6
SP+
Trumpet
7
SP-
Trumpet
8
DACL
DAC audio output in left channel
9
DACR
DAC audio output in right channel
10
ONE
One-line serial control pins
11
micro
usb
File Update Interface
(Connect USB to PC, the storage mode is as
simple as U disk)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com