Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0534 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0534
Description  Voice Module SKU: DFR0534
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0534 Datasheet(HTML) 1 Page - DFROBOT

  DFR0534 Datasheet HTML 1Page - DFROBOT DFR0534 Datasheet HTML 2Page - DFROBOT DFR0534 Datasheet HTML 3Page - DFROBOT DFR0534 Datasheet HTML 4Page - DFROBOT DFR0534 Datasheet HTML 5Page - DFROBOT DFR0534 Datasheet HTML 6Page - DFROBOT DFR0534 Datasheet HTML 7Page - DFROBOT DFR0534 Datasheet HTML 8Page - DFROBOT DFR0534 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 
 
 
Voice Module SKU: DFR0534
Introduction
Do you always feel like the DIY work is boring, not attractive or no vitality when you design it by
yourself?
This new voice module produced by DFRobot can solve these problems. This module can store 8M
audio files, which means it can store more than 200 audios for your choice. Its storage method is as
simple as USB flash drive, and audios can be updated at any time. It uses the DF-Gravity interface,
free from wiring; It has the ability to play the specified audio, play in loop, and adjust volume. It is
suitable for all kinds of projects related to sound or voice, such as intelligent car, meteorological
stations, smart home devices, vehicle navigation, toll stations, safety monitoring, machine audio
navigation and so on.
Specification
Operating Voltage: 3.3V ~ 5V
Interface: UART
Support MP3 WAV Hardware Decoding
Support Sampling Rate (KHz): 8/11.025/12/16/22.05/24/32/44.1/48
Support to imitate SPIFLASH to U disk, and audios in SPIFLASH can be updated by the way to
operate USB flash drive
Support 30 levels of volume adjustment
Dimension: 22x30mm/0.87x1.18in


Similar Part No. - DFR0534

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0535 DFROBOT-DFR0535 Datasheet
959Kb / 13P
Sunflower: Solar Power Manager SKU: DFR0535
5-25-18
DFR0536 DFROBOT-DFR0536 Datasheet
748Kb / 8P
Micro:bit Gamepad Expansion Board SKU: DFR0536
5-3-18
More results

Similar Description - DFR0534

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
58595 GILWAY-58595 Datasheet
36Kb / 1P
50mr16bnfl25 12v 10/cs 1/sku
logo
List of Unclassifed Man...
A96020 ETC2-A96020 Datasheet
73Kb / 1P
Voice Recording Module 20??x 2 sections
logo
PCA ELECTRONICS INC.
EPF8215S PCA-EPF8215S Datasheet
25Kb / 1P
10/100Base-TX Voice Over IP Magnetic Module
EPF8232S PCA-EPF8232S Datasheet
57Kb / 1P
Voice Over IP Magnetic Module
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
Wireless Voice Transceiver RF Module
logo
Dialog Semiconductor
SC14CVMDECT-SF DIALOG-SC14CVMDECT-SF Datasheet
1Mb / 57P
Cordless Voice Module
logo
Dorji Industrial Group ...
DRA818U DORJI-DRA818U Datasheet
343Kb / 10P
UHF Band Voice Transceiver Module
DRA818V DORJI-DRA818V Datasheet
355Kb / 10P
VHF Band Voice Transceiver Module
logo
Dialog Semiconductor
SC14CVMDECT DIALOG-SC14CVMDECT Datasheet
1Mb / 57P
Cordless Voice Module
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com