Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0552 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0552
Description  Gravity: 12-Bit I2C DAC Module SKU: DFR0552
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0552 Datasheet(HTML) 2 Page - DFROBOT

  DFR0552 Datasheet HTML 1Page - DFROBOT DFR0552 Datasheet HTML 2Page - DFROBOT DFR0552 Datasheet HTML 3Page - DFROBOT DFR0552 Datasheet HTML 4Page - DFROBOT DFR0552 Datasheet HTML 5Page - DFROBOT DFR0552 Datasheet HTML 6Page - DFROBOT DFR0552 Datasheet HTML 7Page - DFROBOT DFR0552 Datasheet HTML 8Page - DFROBOT DFR0552 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Features
12-bit High Accuracy DAC
On-Board EEPROM, Retain DAC Input While Power-Off
Gravity I2C Interface, Plug and Play. XH2.54 4P Reserved for Expansion
Wide Voltage Input, Compatible with 3.3V and 5V Controller
Small Size and Easy to Install
Applications
Sensor Calibration
Automatic Control Systems
Function Generator
Specifications
Input Voltage (VCC): 3.3V~5.0V
Output Voltage: 0 ~ VCC
Resolution: 12-bit
Working Current: <0.2 mA
Interface: Gravity I2C (logic level: 0-3.3V)
Dimension: 27.0mm*22.0mm
Board Overview
12-Bit I2C DAC Module
Label
Name
Description
+
VCC
Power VCC(3.3~5.0V)
-
GND
Power GND
C
SCL
I2C Clock Signal
D
SDA
I2C Data Signal
ADDR
I2C address
I2C address selection switch(0x60 or 0x61)
VOUT
VOUT
DAC analog voltage output(0~VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com