Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0552 Datasheet(PDF) 21 Page - DFROBOT

Part # DFR0552
Description  Gravity: 12-Bit I2C DAC Module SKU: DFR0552
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0552 Datasheet(HTML) 21 Page - DFROBOT

Back Button DFR0552 Datasheet HTML 15Page - DFROBOT DFR0552 Datasheet HTML 16Page - DFROBOT DFR0552 Datasheet HTML 17Page - DFROBOT DFR0552 Datasheet HTML 18Page - DFROBOT DFR0552 Datasheet HTML 19Page - DFROBOT DFR0552 Datasheet HTML 20Page - DFROBOT DFR0552 Datasheet HTML 21Page - DFROBOT DFR0552 Datasheet HTML 22Page - DFROBOT DFR0552 Datasheet HTML 23Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Generate a Triangle Wave
Connect the module to the Raspberry Pi according to the connection diagram above and set I2C
address to 0x60 by ADDR switch on the module. If I2C address 0x61 is preferred, you need to
modify the parameter of the function mcp4725.setAddr_MCP4725() to MCP4725A0_IIC_Address1.
REF_VOLTAGE can be changed according to the calibration section. If no calibration is done, enter
5000 (5V) or 3300 (3.3V) depending on the VCC power supply.
In the Terminal, type in the following commands and press Enter to run the sample code:
pi@raspberrypi:~ $ cd ~/DFRobot_MCP4725/RaspberryPi/Python/OutputTriangle
pi@raspberrypi:~/DFRobot_MCP4725/RaspbeeryPi/python/OutputTriangle $ sudo pyt
hon OutputTriangle.py
Use an oscilloscope to observe the VOUT output voltage waveform.
The user can modify the parameters in the function mcp4725.outputTriangle() to change
the amplitude, frequency, DC offset and duty cycle of the Triangle wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com