Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0552 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0552
Description  Gravity: 12-Bit I2C DAC Module SKU: DFR0552
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0552 Datasheet(HTML) 1 Page - DFROBOT

  DFR0552 Datasheet HTML 1Page - DFROBOT DFR0552 Datasheet HTML 2Page - DFROBOT DFR0552 Datasheet HTML 3Page - DFROBOT DFR0552 Datasheet HTML 4Page - DFROBOT DFR0552 Datasheet HTML 5Page - DFROBOT DFR0552 Datasheet HTML 6Page - DFROBOT DFR0552 Datasheet HTML 7Page - DFROBOT DFR0552 Datasheet HTML 8Page - DFROBOT DFR0552 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
   
 
Gravity: 12-Bit I2C DAC Module
SKU: DFR0552
 
 
Introduction
DFRobot Gravity 12-Bit I2C DAC is a small and easy-to-use 12-bit digital-to-analog converter with
EEPROM. It can accurately convert the digital value to corresponding analog voltage signal, which is
useful in may creative projects and automatic control systems. Although an analog voltage signal
can be generated by PWM with traditional controllers such as Arduino and Raspberry Pi, such signal
is ROUGH and NOT ACCURATE. To obtain a steady and nice analog voltage signal, the DAC is the
best candidate. In addition to be applied in automatic control systems, the DAC module can be use
to serve as a function generator to generate sine wave, triangular wave and even arbitrary waveform
(we provide a library to generate low frequency sin and triangular wave with just a few parameters).
The module employs a 12-bit DAC MCP4725. It requires no external reference voltage (DAC
reference is driven from VCC directly), supports 3.3V~5V wide input voltage and has a I2C address
selection switch (two address 0x60 and 0x61 are available, which support maximum two modules in
cascade). The EEPROM can retain the DAC input while power-off and resume the DAC output upon
power-on.


Similar Part No. - DFR0552

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0553 DFROBOT-DFR0553 Datasheet
625Kb / 8P
Gravity: I2C ADS1115 16-Bit ADC Module(Arduino & Raspberry Pi Compatible) SKU: DFR0553
6-5-18
DFR0554 DFROBOT-DFR0554 Datasheet
625Kb / 5P
Gravity: I2C 16x2 Arduino LCD with RGB Font Display SKU: DFR0554
7-16-18
DFR0558 DFROBOT-DFR0558 Datasheet
481Kb / 8P
Gravity: Digital High Temperature Sensor (K-type) SKU:DFR0558
8-7-18
DFR0559 DFROBOT-DFR0559 Datasheet
740Kb / 12P
Sunflower: Solar Power Manager 5V SKU: DFR0559
6-5-18
More results

Similar Description - DFR0552

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
Monolithic 12-Bit Quad DAC
logo
Maxim Integrated Produc...
MAX5013 MAXIM-MAX5013 Datasheet
96Kb / 8P
12-Bit, 100Msps TTL DAC
Rev 0a; 8/97
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
LC2MOS Octal 12-Bit DAC
REV. C
AD664JPZ AD-AD664JPZ Datasheet
671Kb / 23P
Monolithic 12-Bit Quad DAC
REV. D
AD664 AD-AD664_15 Datasheet
671Kb / 23P
Monolithic 12-Bit Quad DAC
REV. D
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
12-Bit Monolithic Multiplying DAC
REV. B
AD7568 AD-AD7568_15 Datasheet
354Kb / 14P
Octal 12-Bit DAC
REV. C
AD8522 AD-AD8522_15 Datasheet
244Kb / 8P
Dual 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com