Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC31RF80IRMP Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC31RF80IRMP
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 4 Page - Texas Instruments

  ADC31RF80IRMP Datasheet HTML 1Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 2Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 3Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 4Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 5Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 6Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 7Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 8Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 142 page
background image
4
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
NAME
NO.
I/O
DESCRIPTION
CLOCK, SYNC
CLKINM
28
I
Differential clock input for the analog-to-digital converter (ADC).
This pin has an internal differential 100-Ω termination.
CLKINP
27
SYSREFM
34
I
External SYSREF input. This pin has an internal, differential 100-Ω termination and
requires external biasing.
SYSREFP
33
GPIO1
19
I/O
GPIO control pin; configured through the SPI. This pin can be configured to be
either a fast overrange output, a fast detect alarm signal from the peak power
detect, or a numerically-controlled oscillator (NCO) control.
GPIO 4 (pin 63) can also be configured as a single-ended SYNCB input.
GPIO2
20
GPIO3
21
GPIO4
63
CONTROL, SERIAL
RESET
48
I
Hardware reset; active high. This pin has an internal 20-kΩ pulldown resistor.
SCLK
6
I
Serial interface clock input. This pin has an internal 20-kΩ pulldown resistor.
SDIN
5
I/O
Serial interface data input. This pin has an internal 20-kΩ pulldown resistor. SDIN
can be data input in 4-wire mode, data input and output in 3 wire-mode.
SEN
7
I
Serial interface enable. This pin has an internal 20-kΩ pullup resistor to DVDD.
SDOUT
11
O
Serial interface data output in 4-wire mode
PDN
50
I
Power down; active high. This pin has an internal 20-kΩ pulldown resistor.
DATA INTERFACE
D0M
62
O
JESD204B serial data output
D0P
61
D1M
59
D1P
58
D2M
56
D2P
55
D3M
54
D3P
53
SYNCBM
36
I
Synchronization input for the JESD204B port. This pin has an LVDS or 1.8-V logic
input, an optional on-chip 100-Ω termination, and is selectable through the SPI.
This pin requires external biasing.
SYNCBP
35
POWER SUPPLY
AVDD19
10, 16, 24, 31, 39, 45
I
Analog 1.9-V power supply
AVDD
9, 12, 15, 17, 25, 30,
38, 40, 43, 44, 46
I
Analog 1.15-V power supply
DVDD
4, 8, 47, 51, 57, 64, 70
I
Digital 1.15 V-power supply, including the JESD204B transmitter
GND
3, 18, 23, 26, 29, 32,
37, 49, 52, 60, 67
I
Ground; shorted to thermal pad inside device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com