Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC31RF80IRMP Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC31RF80IRMP
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 4Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 5Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 6Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 7Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 8Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 9Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 10Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 11Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
8
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
AC Performance Characteristics: fS = 2949.12 MSPS (continued)
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 2949.12 MSPS, 50% clock duty cycle, DDC-bypassed
performance
(1), AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(2)
NOM
MAX
UNIT
HD3
Third-order harmonic
distortion
fIN = 100 MHz, AOUT = –2 dBFS
73
dBc
fIN = 900 MHz, AOUT = –2 dBFS
80
fIN = 1850 MHz, AOUT = –2 dBFS
62
71
fIN = 2100 MHz, AOUT = –2 dBFS
77
fIN = 2600 MHz, AOUT = –2 dBFS
79
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
76
HD4,
HD5
Fourth- and fifth-order
harmonic distortion
fIN = 100 MHz, AOUT = –2 dBFS
78
dBc
fIN = 900 MHz, AOUT = –2 dBFS
81.0
fIN = 1850 MHz, AOUT = –2 dBFS
69
76
fIN = 2100 MHz, AOUT = –2 dBFS
77
fIN = 2600 MHz, AOUT = –2 dBFS
77
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
84
IL spur
Interleaving spurs:
fS / 2 – fIN,
fS / 4 ± fIN
fIN = 100 MHz, AOUT = –2 dBFS
89
dBc
fIN = 900 MHz, AOUT = –2 dBFS
88
fIN = 1850 MHz, AOUT = –2 dBFS
68
82
fIN = 2100 MHz, AOUT = –2 dBFS
79
fIN = 2600 MHz, AOUT = –2 dBFS
81
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
75
HD2 IL
Interleaving spur for HD2:
fS / 2 – HD2
fIN = 100 MHz, AOUT = –2 dBFS
85.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
79.0
fIN = 1850 MHz, AOUT = –2 dBFS
62
80.0
fIN = 2100 MHz, AOUT = –2 dBFS
74.0
fIN = 2600 MHz, AOUT = –2 dBFS
74.0
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
80.0
Worst
spur
Spurious-free dynamic
range (excluding HD2, HD3,
HD4, HD5, and interleaving
spurs IL and HD2 IL)
fIN = 100 MHz, AOUT = –2 dBFS
83.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
76.0
fIN = 1850 MHz, AOUT = –2 dBFS
64
75.0
fIN = 2100 MHz, AOUT = –2 dBFS
75.0
fIN = 2600 MHz, AOUT = –2 dBFS
75.0
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
72.0
IMD3
Two-tone, third-order
intermodulation distortion
fIN1 = 900 MHz, fIN2 = 950 MHz,
AOUT = –8 dBFS (each tone)
79
dBFS
fIN1 = 1770 MHz, fIN2 = 1790 MHz,
AOUT = –8 dBFS (each tone)
70
fIN1 = 1800 MHz, fIN2 = 2600 MHz,
AOUT = –8 dBFS (each tone)
73
fIN1 = 3490 MHz, fIN2 = 3510 MHz,
AOUT = –8 dBFS (each tone) with 2-dB gain
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com