Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC31RF80IRMP Datasheet(PDF) 49 Page - Texas Instruments

Part # ADC31RF80IRMP
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 45Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 46Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 47Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 48Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 49Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 50Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 51Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 52Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
49
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 8 shows the register configurations required to set up the absolute peak power detector. The detector
operates in the fS / 8 clock domain; one peak sample is calculated over eight actual samples.
The automatic gain control (AGC) modes can be configured using registers in the power-detector page (54xxh).
Table 8. Registers Required for the Peak Power Detector
REGISTER
ADDRESS
DESCRIPTION
PKDET EN
5400h
Enables peak detector
BLKPKDET
5401h, 5402h,
5403h
Sets the block length N of number of samples (S`). Number of actual ADC samples is 8x this
value: N is 17 bits: 1 to 216.
BLKTHHH,
BLKTHHL,
BLKTHLH,
BLKTHLL
5407h, 5408h,
5409h, 540Ah
Sets the different thresholds for the hysteresis function values from 0 to 256 (where 256 is
equivalent to the peak amplitude).
For example: if BLKTHHH is to –2 dBFS from peak, 10(–2 / 20) × 256 = 203, then set 5407h =
CBh.
DWELL
540Bh, 540Ch
When the computed block peak crosses the upper thresholds BLKTHHH or BLKTHLH, the peak
detector output flags are set. In order to be reset, the computed block peak must remain
continuously lower than the lower threshold (BLKTHHL or BLKTHLL) for the period specified by
the DWELL value. This threshold is 16 bits and is specified in terms of fS / 8 clock cycles.
OUTSEL
GPIO[4:1]
5432h, 5433h,
5434h, 5435h
Connects the BLKPKDETH, BLKPKDETL alarms to the GPIO pins; common register.
IODIR
5437h
Selects the direction for the four GPIO pins; common register.
RESET AGC
542Bh
After configuration, reset the AGC module to start operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com