Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1601IPFBT.B Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS1601IPFBT.B
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBT.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS1601IPFBT.B Datasheet HTML 12Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 13Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 14Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 15Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 16Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 17Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 18Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 19Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
S
1
S
2
10pF
AINP
ADS1601
8pF
VMID
S
1
S
2
10pF
AINN
8pF
VMID
AGND
392W
OPA2822
ADS1601
AGND
OPA2822
40pF
V
CM
(1)
V
CM
(1)
V
CM
(1)
100pF
AINP
AINN
100pF
(3)
392W
40pF
100pF
(2)
(2)
(2)
(2)
392W
392W
392W
0.01 F
m
0.01 F
m
392W
1 F
m
392W
1kW
1kW
1 F
m
392W
49.9W
49.9W
-
V
IN
2
+V
CM
V
IN
2
+V
CM
On
S
1
S
2
Off
On
Off
t
=
f
SAMPLE
CLK
1/
ADS1601
THS4503
22pF
-VIN
+V
IN
100pF
100pF
AINP
AINN
100pF
24.9W
392W
392W
24.9W
392W
392W
22pF
V
CM
ADS1601
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
INPUT CIRCUITRY
drivers close to the inputs and use good capacitor
bypass techniques on their supplies, such as a
The ADS1601 uses switched-capacitor circuitry to
smaller high-quality ceramic capacitor in parallel with
measure the input voltage. Internal capacitors are
a larger capacitor. Keep the resistances used in the
charged by the inputs and then discharged internally
driver circuits low
—thermal noise in the driver circuits
with this cycle repeating at the frequency of CLK.
degrades the overall noise performance. When the
Figure 36 shows a conceptual diagram of these
signal can be ac-coupled to the ADS1601 inputs, a
circuits. Switches S2 represent the net effect of the
simple RC filter can set the input common-mode
modulator
circuitry
in
discharging
the
sampling
voltage.
The
ADS1601
is
a
high-speed,
capacitors; the actual implementation is different. The
high-performance ADC. Special care must be taken
timing for switches S1 and S2 is shown in Figure 37.
when selecting the test equipment and setup used
with this device. Pay particular attention to the signal
sources to ensure they do not limit performance when
measuring the ADS1601.
Figure 36. Conceptual Diagram of Internal
Circuitry Connected to the Analog Inputs
(1) Recommended VCM = 2.7V.
(2) Optional ac-coupling circuit provides common-mode input
voltage.
(3) Increase to 390pF when fIN ≤ 100kHz for improved SNR and
THD.
Figure 38. Recommended Driver Circuit Using
the OPA2822
Figure 37. Timing for the Switches in Figure 36
DRIVING THE INPUTS
The external circuits driving the ADS1601 inputs must
be able to handle the load presented by the switching
capacitors within the ADS1601. The input switches S1
in Figure 36 are closed for approximately one-half of
the sampling period, tSAMPLE, allowing only ≉ 24ns for
the internal capacitors to be charged by the inputs
when fCLK = 20MHz.
Figure 38 and Figure 39 show the recommended
circuits when using single-ended or differential op
amps, respectively. The analog inputs must be driven
Figure 39. Recommended Driver Circuit Using
differentially to achieve optimum performance. The
the THS4503 Differential Amplifier
external capacitors, between the inputs and from
each input to AGND, improve linearity and should be
placed as close to the pins as possible. Place the
16
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com