Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1601IPFBT.B Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS1601IPFBT.B
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBT.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS1601IPFBT.B Datasheet HTML 16Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 17Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 18Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 19Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 20Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 21Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 22Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 23Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
0.001
0.0008
0.0006
0.0004
0.0002
0
-
0.0002
-
0.0004
-
0.0006
-
0.0008
-
0.001
0
100
200
300
Frequency(kHz)
400
500
600
f
=20
CLK
MHz
20
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
0
10
20
30
40
50
Frequency(MHz)
60
f
=20
CLK
MHz
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
-
2.5
-
3.0
-
3.5
400
450
500
550
600
Frequency(kHz)
650
f
=20
CLK
MHz
R
BIAS
RBIAS
AGND
ADS1601
ADS1601
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
Figure 46. Passband Ripple
Figure 48. Frequency Response Out to 120MHz
ANALOG POWER DISSIPATION
An external resistor connected between the RBIAS
pin and the analog ground sets the analog current
level, as shown in Figure 49. The current is inversely
proportional to the resistor value. Table 3 shows the
recommended values of RBIAS for different CLK
frequencies. Notice that the analog current can be
reduced when using a slower frequency CLK input
because the modulator has more time to settle. Avoid
adding any capacitance in parallel to RBIAS because
this interferes with the internal circuitry used to set
the biasing. Please note that changing RBIAS changes
internally-generated voltages, including the internal
reference; therefore, it should be understood that the
recommendations
of
Table
3
are
for
external
Figure 47. Passband Transition
reference only.
ANTI-ALIAS REQUIREMENTS
Higher
frequency,
out-of-band
signals
must
be
eliminated to prevent aliasing with ADCs. Fortunately,
the ADS1601 on-chip digital filter greatly simplifies
this filtering requirement. Figure 48 shows the
ADS1601 response out to 60MHz (fCLK = 20MHz).
Since the stop band extends out to 19.3MHz, the
anti-alias filter in front of the ADS1601 only needs to
Figure 49. External Resistor Used to Set Analog
be designed to remove higher frequency signals than
Power Dissipation
this, which can usually be accomplished with a simple
RC circuit on the input driver.
Table 3. Recommended RBIAS Resistor Values for
Different CLK Frequencies
TYPICAL POWER
DATA
DISSIPATION
fCLK
RATE
RBIAS
WITH REFEN HIGH
5MHz
315kSPS
267k
100mW
10MHz
625kSPS
210k
145mW
15MHz
940kSPS
140k
200mW
20MHz
1.25MSPS
60k
325mW
20
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com