Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1601IPFBT.B Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS1601IPFBT.B
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBT.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS1601IPFBT.B Datasheet HTML 14Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 15Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 16Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 17Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 18Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 19Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 20Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 21Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
10 F
m
0.1 F
m
0.1 F
m
10 F
m
0.1 F
m
10 F
m
0.1 F
m
0.1 F
m
VREFP
VREFP
VMID
VCAP
VREFN
VREFN
392W
OPA2822
ADS1601
0.001 F
m
4V
392W
OPA2822
0.001 F
m
1V
392W
OPA2822
0.001 F
m
2.5V
AGND
+0.94V
2
1
REF
-
15
-0.94V
2
1
REF
-
15
-
REF
0.94V
2
2
1
-
15
15
(
)
£ -
REF
0.94V
2
2
1
-
15
15
(
)
ADS1601
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
Table 1. Maximum Allowable Clock Source Jitter
for Different Input Signal Frequencies and
Amplitude
INPUT SIGNAL
MAXIMUM
MAXIMUM
MAXIMUM ALLOWABLE
FREQUENCY
AMPLITUDE
CLOCK SOURCE JITTER
500kHz
–0.5dB
6ps
500kHz
–20dB
60ps
100kHz
–0.5dB
30ps
100kHz
–20dB
300ps
DATA FORMAT
The
16-bit
output
data
are
in
binary
two
’s
complement format as shown in Table 2. When the
input is positive out-of-range, exceeding the positive
full-scale value of +0.94VREF, the output clips to all
7FFFh and the OTR output goes high.
Likewise, when the input is negative out-of-range by
going
below
the
negative
full-scale
value
of
–0.94VREF, the output clips to 8000h and the OTR
output goes high. The OTR remains high while the
input signal is out-of-range.
Figure 42. Recommended Buffer Circuit When
Using an External Reference
Table 2. Output Code versus Input Signal
INPUT SIGNAL (INP
–
IDEAL OUTPUT
CLOCK INPUT (CLK)
INN)
CODE(1)
OTR
≥ +0.94VREF (> 0dB)
7FFFh
1
The ADS1601 requires an external clock signal to be
–0.94VREF (0dB)
7FFFh
0
applied to the CLK input pin. The sampling of the
modulator is controlled by this clock signal. As with
001h
0
any high-speed data converter, a high quality clock is
essential for optimum performance. Crystal clock
0
0000h
0
oscillators are the recommended CLK source; other
sources, such as frequency synthesizers, are usually
FFFFh
0
inadequate. Make sure to avoid excess ringing on the
CLK input; keeping the trace as short as possible
helps.
8000h
0
Measuring high-frequency, large amplitude signals
requires tight control of clock jitter. The uncertainty
during sampling of the input from clock jitter limits the
8000h
1
maximum achievable SNR. This effect becomes more
pronounced
with
higher
frequency
and
larger
(1) Excludes effects of noise, INL, offset and gain errors.
magnitude
inputs.
Fortunately,
the
ADS1601
oversampling topology reduces clock jitter sensitivity
OUT-OF-RANGE INDICATION (OTR)
over that of Nyquist rate converters such as pipeline
If the output code exceeds the positive or negative
and successive approximation converters by a factor
full-scale, the out-of-range digital output OTR will go
of
√16.
high on the falling edge of SCLK. When the output
In order to not limit the ADS1601 SNR performance,
code returns within the full-scale range, OTR returns
keep the jitter on the clock source below the values
low on the falling edge of SCLK.
shown in Table 1. When measuring lower frequency
and lower amplitude inputs, more CLK jitter can be
tolerated. In determining the allowable clock source
jitter, select the worst-case input (highest frequency,
largest amplitude) that will be seen in the application.
18
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com